Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS6 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 5 Page - Linear Technology

  LT1719CS6 Datasheet HTML 1Page - Linear Technology LT1719CS6 Datasheet HTML 2Page - Linear Technology LT1719CS6 Datasheet HTML 3Page - Linear Technology LT1719CS6 Datasheet HTML 4Page - Linear Technology LT1719CS6 Datasheet HTML 5Page - Linear Technology LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1719
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
6
8
30
NO LOAD
1719 G12
4
3
10
20
40
2
5
7
9
25
°C
+VS = 5V
CLOAD = 20pF
CLOAD = 10pF
Supply Current vs Frequency
Output High Voltage
vs Load Current
TEST CIRCUITS
–
+
–3V
–100mV
1
8
7
6
2
3
5
4
–5V
PULSE
IN
0V
0V
50
Ω
1N5711
400
Ω
130
Ω
25
Ω
50
Ω
+Vs – VCM
VCC – VCM
VEE – VCM
–VCM
50k
DUT
LT1719
25
Ω
0.1
µF
1719 TC02
10
× SCOPE PROBE
(CIN ≈ 10pF)
0.01
µF
0.01
µF
750
Ω
2N3866
V1*
*V1 = –1000 • (OVERDRIVE + VTRIP
+)
NOTE: RISING EDGE TEST SHOWN.
FOR FALLING EDGE, REVERSE LT1719 INPUTS
Response Time Test Circuit
OUTPUT SINK CURRENT (mA)
0
0.3
0.4
16
1719 G10
0.2
0.1
4
8
12
20
0.5
125
°C
25
°C
125
°C
VCC = 2.7V
+VS = 5V
VIN = –10mV
–55
°C
Output Low Voltage
vs Load Current
OUTPUT SOURCE CURRENT (mA)
0
– 0.4
– 0.2
0.0
16
1719 G11
– 0.6
– 0.8
–1.0
4
8
12
20
125
°C
–55
°C
25
°C
25
°C
VCC = 2.7V
+VS = 5V
VIN = 10mV
TEMPERATURE (
°C)
–50
500
600
700
25
75
1719 G15
400
300
–25
0
50
100
125
200
100
Wake-Up Delay
vs Temperature
SHDN PIN VOLTAGE (V)
(VS – 4V) (VS – 3V) (VS – 2V) (VS – 1V)
VS
0
50
1719 G13
150
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
SUPPLY CURRENT
SHDN
PIN CURRENT
Shutdown Currents
vs Shutdown Voltage
TEMPERATURE (
°C)
0.1
1
10
–50
25
50
75
100 125
–25
0
150
1719 G14
SHUTDOWN PIN OPEN
SHUTDOWN = +VS – 0.5V
+IS
+IS
SHUTDOWN
PIN
CURRENT
VCC = +VS = 5V
VEE = –5V
Shutdown Currents
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com