Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1719CS6 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1719CS6
Description  4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1719CS6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1719CS6 Datasheet HTML 2Page - Linear Technology LT1719CS6 Datasheet HTML 3Page - Linear Technology LT1719CS6 Datasheet HTML 4Page - Linear Technology LT1719CS6 Datasheet HTML 5Page - Linear Technology LT1719CS6 Datasheet HTML 6Page - Linear Technology LT1719CS6 Datasheet HTML 7Page - Linear Technology LT1719CS6 Datasheet HTML 8Page - Linear Technology LT1719CS6 Datasheet HTML 9Page - Linear Technology LT1719CS6 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1719
±VTRIP Test Circuit
TEST CIRCUITS
+
–
–
+
DUT
LT1719
BANDWIDTH-LIMITED TRIANGLE WAVE
~ 1kHz, VCM ±7.5V
LTC203
1/2 LT1112
50
Ω
100k
100k
2.4k
10nF
1
µF
0.15
µF
1/2 LT1638
1/2 LT1638
100k
100k
200k
10k
10k
1000
× VHYST
1000
× VTRIP+
1000
× VTRIP–
1000
× VOS
0.1
µF
50
Ω
50k
VCM
VCC
+
–
1/2 LT1112
1719 TC01
10nF
1
µF
NOTES: LT1638, LT1112, LTC203s ARE POWERED FROM
±15V.
200k
Ω PULL-DOWN PROTECTS LTC203 LOGIC INPUTS
WHEN DUT IS NOT POWERED
15
3
2
14
16
9
1
8
10
6
7
11
LTC203
2
14
15
3
1
8
16
9
7
11
10
6
APPLICATIONS INFORMATION
Power Supply Configurations
The LT1719 has separate supply pins for the input and
output stages that allow flexible operation, accommodat-
ing separate voltage ranges for the analog input and the
output logic. Of course, a single 3V/5V supply may be used
by tying + VS and VCC together as well as GND and VEE.
The minimum voltage requirement can be simply stated as
both the output and the input stages need at least 2.7V and
the VEE pin must be equal to or less than ground.
The following rules must be adhered to in any
configuration:
2.7V
≤ (VCC – VEE) ≤ 10.5V
2.7V
≤ (+VS – GND) ≤ 6V
(+ VS – VEE) ≤ 10.5V
VEE ≤ Ground
Although the ground pin need not be tied to system
ground, most applications will use it that way. Figure 1
shows three common configurations. The final one is
uncommon, but it will work and may be useful as a level
translator; the input stage is run from – 5.2V and ground
while the output stage is run from 3V and ground. In this
case the common mode input voltage range does not
include ground, so it may be helpful to tie VCC to 3V
anyway. Conversely, VCC may also be tied below ground,
as long as the above rules are not violated.
Input Voltage Considerations
The LT1719 is specified for a common mode range of
–100mV to 3.8V when used with a single 5V supply. A
more general consideration is that the common mode
range is 100mV below VEE to 1.2V below VCC. The criterion
for this common mode limit is that the output still



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com