Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1776C Datasheet(PDF) 16 Page - Linear Technology

Part # LT1776C
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1776C Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1776C Datasheet HTML 12Page - Linear Technology LT1776C Datasheet HTML 13Page - Linear Technology LT1776C Datasheet HTML 14Page - Linear Technology LT1776C Datasheet HTML 15Page - Linear Technology LT1776C Datasheet HTML 16Page - Linear Technology LT1776C Datasheet HTML 17Page - Linear Technology LT1776C Datasheet HTML 18Page - Linear Technology LT1776C Datasheet HTML 19Page - Linear Technology LT1776C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1776
TYPICAL APPLICATIONS
(a)
C1: PANASONIC HFQ 39
µF AT 63V
C2: AVX D CASE 100
µF 10V
TPSD107M010R0080
C3: 2200pF, X7R
C1
1776 F06a
VIN
10V TO
40V
+
C2
+
D1
R1
36.5k
1%
VOUT
5V
0mA to 400mA
R2
12.1k
1%
R3
22k
5%
L1
68
µH
C3
C4
C5
C4, C5: 100pF, X7R OR COG/NPO
D1: MOTOROLA 100V, 1A, SMD SCHOTTKY
MBRS1100 (T3)
L1: COILCRAFT DO1608C-683
FOR 3.3V VOUT VERSION:
IOUT: 0mA TO 500mA
L1: 47
µH, DO1608C-473
R1: 24.3K, R2: 14.7k
VIN
VCC
VSW
LT1776
FB
VC
SHDN
SYNC
2
5
4
3
7
8
1
6
GND
LOAD CURRENT (mA)
1
60
70
80
90
10
100
1000
1776 F06b
50
40
30
20
VIN = 10V
VIN = 20V
VIN = 30V
VIN = 40V
(b)
Figure 6. Minimum Inductor Size Application
“bang-bang” digital manner, via comparator U2, an
LTC1440. Resistor divider R3/R4 provides a scaled ver-
sion of the output voltage, which is compared against U2’s
internal reference. Intentional hysteresis is set by the R5/
R6 divider. As the output voltage falls below the regulation
range, the LT1776 is turned on. The output voltage rises,
and as it climbs above the regulation range, the LT1776 is
turned off. Efficiency is maximized, as the LT1776 is only
powered up while it is providing heavy output current.
Burst Mode Operation Configuration
Figure 4b demonstrates that power supply efficiency de-
grades with lower output load current. This is not surpris-
ing, as the LT1776 itself represents a fixed power overhead.
A possible way to improve light load efficiency is in Burst
Mode operation.
Figure 7 shows the LT1776 configured for Burst Mode
operation. Output voltage regulation is now provided in a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com