Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1776C Datasheet(PDF) 3 Page - Linear Technology

Part # LT1776C
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1776C Datasheet(HTML) 3 Page - Linear Technology

  LT1776C Datasheet HTML 1Page - Linear Technology LT1776C Datasheet HTML 2Page - Linear Technology LT1776C Datasheet HTML 3Page - Linear Technology LT1776C Datasheet HTML 4Page - Linear Technology LT1776C Datasheet HTML 5Page - Linear Technology LT1776C Datasheet HTML 6Page - Linear Technology LT1776C Datasheet HTML 7Page - Linear Technology LT1776C Datasheet HTML 8Page - Linear Technology LT1776C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1776
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 40V, VSW open, VCC = 5V, VC = 1.4V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timing
f
Switching Frequency
180
200
220
kHz
q
170
230
kHz
Maximum Switch Duty Cycle
q
85
90
%
tON(MIN)
Minimum Switch On Time
High dV/dt Mode, RL = 39Ω (Note 4)
300
ns
Boost Operation
VC Pin Boost Threshold
1.35
V
dV/dt Below Threshold
0.2
V/ns
dV/dt Above Threshold
1.6
V/ns
Sync Function
Minimum Sync Amplitude
q
1.5
2.2
V
Synchronization Range
(Note 6)
q
250
400
kHz
SYNC Pin Input R
40
k
Ω
SHDN Pin Function
VSHDN
Shutdown Mode Threshold
0.5
V
q
0.2
0.8
V
Upper Lockout Threshold
Switching Action On
1.260
V
Lower Lockout Threshold
Switching Action Off
1.245
V
ISHDN
Shutdown Pin Current
VSHDN = 0V
12
20
µA
VSHDN = 1.25V
2.5
10
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Control circuitry powered from VCC.
Note 3: Switch current limit is DC trimmed and tested in production.
Inductor dl/dt rate will cause a somewhat higher current limit in actual
application.
Note 4: Minimum switch on time is production tested with a 39
Ω resistive
load to ground.
Note 5: Parts are guaranteed to survive 60V on VIN and VSW. However,
thermal constraints will limit VIN in some applications, depending primarily
on maximum output current and switching frequency. See Applications
section for more information.
Note 6: Internal oscillator is guaranteed to sync up to 400kHz. However,
thermal constraints and/or controllability issues may place a lower limit on
switching frequency in actual usage. See Applications section for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com