Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1776C Datasheet(PDF) 4 Page - Linear Technology

Part # LT1776C
Description  Wide Input Range, High Efficiency, Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1776C Datasheet(HTML) 4 Page - Linear Technology

  LT1776C Datasheet HTML 1Page - Linear Technology LT1776C Datasheet HTML 2Page - Linear Technology LT1776C Datasheet HTML 3Page - Linear Technology LT1776C Datasheet HTML 4Page - Linear Technology LT1776C Datasheet HTML 5Page - Linear Technology LT1776C Datasheet HTML 6Page - Linear Technology LT1776C Datasheet HTML 7Page - Linear Technology LT1776C Datasheet HTML 8Page - Linear Technology LT1776C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1776
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Input Voltage vs
Temperature
TEMPERATURE (
°C)
–50
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
25
75
1776 G01
–25
0
50
100
125
SWITCH CURRENT (mA)
0
1.50
1.25
1.00
0.75
0.50
0.25
0
300
500
1776 G02
100
200
400
600
700
125
°C
–55
°C
25
°C
DUTY CYCLE (%)
0
1000
800
600
400
200
0
80
1776 G03
20
10
30
50
70
90
40
60
100
TA = 25°C
Switch-On Voltage vs
Switch Current
Switch Current Limit vs
Duty Cycle
SHDN Pin Shutdown Threshold
vs Temperature
TEMPERATURE (
°C)
–50
900
800
700
600
500
400
300
200
25
75
LT1776 G04
–25
0
50
100
125
SHDN PIN VOLTAGE (V)
0
5
0
–5
–10
–15
–20
4
1776 G05
1
2
3
5
25
°C
–55
°C
125
°C
SHDN Pin Input Current
vs Voltage
TEMPERATURE (
°C)
–50
1.30
1.28
1.26
1.24
1.22
1.20
25
75
LT1776 G06
–25
0
50
100
125
UPPER THRESHOLD
LOWER THRESHOLD
SHDN Pin Lockout Thresholds
vs Temperature
TEMPERATURE (
°C)
215
210
205
200
195
190
185
1776 G07
–50
25
75
–25
0
50
100
125
Switching Frequency
vs Temperature
Minimum Synchronization Voltage
vs Temperature
Switch Minimum On-Time
vs Temperature
TEMPERATURE (
°C)
2.25
2.00
1.75
1.50
1.25
1.00
0.75
1776 G08
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
600
500
400
300
200
100
0
1776 G09
–50
25
75
–25
0
50
100
125
VIN = 40V
RL = 39Ω
FB =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com