Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1786FCS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1786FCS
Description  SMBus Programmable CCFL Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786FCS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1786FCS Datasheet HTML 10Page - Linear Technology LT1786FCS Datasheet HTML 11Page - Linear Technology LT1786FCS Datasheet HTML 12Page - Linear Technology LT1786FCS Datasheet HTML 13Page - Linear Technology LT1786FCS Datasheet HTML 14Page - Linear Technology LT1786FCS Datasheet HTML 15Page - Linear Technology LT1786FCS Datasheet HTML 16Page - Linear Technology LT1786FCS Datasheet HTML 17Page - Linear Technology LT1786FCS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1786F
APPLICATIONS INFORMATION
LT1786F SMBus Lookup Tables
SMBus Address Byte Table
ADR
DECIMAL
BINARY
HEX
IOUT POWER-UP VALUE
GND
91
0101101
5A
Zero Scale
VCC
88
0101100
58
Midscale
Bit 0 (LSB) in the SMBus Address is the Write Bit = 0
SMBus Data Byte Table
DECIMAL
BINARY
HEX
IOUT (µA)
0
000000XX
00-03
0.000
1
000001XX
04-07
1.587
2
000010XX
08-0B
3.175
3
000011XX
0C-0F
4.762
4
000100XX
10-13
6.349
5
000101XX
14-17
7.937
6
000110XX
18-1B
9.524
7
000111XX
1C-1F
11.111
8
001000XX
20-23
12.698
9
001001XX
24-27
14.286
10
001010XX
28-2B
15.873
11
001011XX
2C-2F
17.460
12
001100XX
30-33
19.048
13
001101XX
34-37
20.635
14
001110XX
38-3B
22.222
15
001111XX
3C-3F
23.810
16
010000XX
40-43
25.397
17
010001XX
44-47
26.984
18
010010XX
48-4B
28.571
19
010011XX
4C-4F
30.159
20
010100XX
50-53
31.746
21
010101XX
54-57
33.333
22
010110XX
58-5B
34.921
23
010111XX
5C-5F
36.508
24
011000XX
60-63
38.095
25
011001XX
64-67
39.683
26
011010XX
68-6B
41.270
27
011011XX
6C-6F
42.857
28
011100XX
70-73
44.444
29
011101XX
74-77
46.032
30
011110XX
78-7B
47.619
31
011111XX
7C-7F
49.206
DECIMAL
BINARY
HEX
IOUT (µA)
32
100000XX
80-83
50.794
33
100001XX
84-87
52.381
34
100010XX
88-8B
53.968
35
100011XX
8C-8F
55.556
36
100100XX
90-93
57.143
37
100101XX
94-97
58.730
38
100110XX
98-9B
60.317
39
100111XX
9C-9F
61.905
40
101000XX
A0-A3
63.492
41
101001XX
A4-A7
65.079
42
101010XX
A8-AB
66.667
43
101011XX
AC-AF
68.254
44
101100XX
B0-B3
69.841
45
101101XX
B4-B7
71.429
46
101110XX
B8-BB
73.016
47
101111XX
BC-BF
74.603
48
110000XX
C0-C3
76.190
49
110001XX
C4-C7
77.778
50
110010XX
C8-CB
79.365
51
110011XX
CC-CF
80.952
52
110100XX
D0-D3
82.540
53
110101XX
D4-D7
84.127
54
110110XX
D8-DB
85.714
55
110111XX
DC-DF
87.302
56
111000XX
E0-E3
88.889
57
111001XX
E4-E7
90.476
58
111010XX
E8-EB
92.063
59
111011XX
EC-EF
93.651
60
111100XX
F0-F3
95.238
61
111101XX
F4-F7
96.825
62
111110XX
F8-FB
98.413
63
111111XX
FC-FF
100.000
X = Don’t Care, IOUT = Ideal Value
SMBus Command Byte Table
DECIMAL
BINARY
HEX
MODE
0-127
0XXXXXXX
00-7F
Normal
128-255
1XXXXXXX
80-FF
Shutdown
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com