Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1786FCS Datasheet(PDF) 18 Page - Linear Technology

Part # LT1786FCS
Description  SMBus Programmable CCFL Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786FCS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1786FCS Datasheet HTML 12Page - Linear Technology LT1786FCS Datasheet HTML 13Page - Linear Technology LT1786FCS Datasheet HTML 14Page - Linear Technology LT1786FCS Datasheet HTML 15Page - Linear Technology LT1786FCS Datasheet HTML 16Page - Linear Technology LT1786FCS Datasheet HTML 17Page - Linear Technology LT1786FCS Datasheet HTML 18Page - Linear Technology LT1786FCS Datasheet HTML 19Page - Linear Technology LT1786FCS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT1786F
Dual Transformer CCFL Power Supply
Space constraints may dictate utilization of two small
transformers instead of a single, larger unit. Although this
approach is somewhat more expensive, it can solve space
problems and offers other attractive advantages. Figure
2’s approach is essentially a “grounded lamp” LT1786F-
based circuit. The transistors drive two transformer pri-
maries in parallel. The transformer secondaries, stacked
in series, provide the output. The relatively small trans-
formers, each supplying half the load power, may be
located directly at the lamp terminals. Aside from the
obvious space advantage (particularly height), this
arrangement minimizes parasitic wiring losses by elimi-
TYPICAL APPLICATION
nating high voltage lead length. Additionally, although the
lamp receives differential drive, with its attendant low
parasitic losses, the feedback signal is ground referred.
Thus, the stacked secondaries afford floating lamp oper-
ating efficiency with grounded mode current certainty and
line regulation.
L1 is directly driven, with winding 4-5 furnishing feedback
in the normal fashion. L3, “slaved” to L1’s and L3’s
interconnects must be laid out for low inductance to
maintain waveform purity. The traces should be as wide as
possible (e.g., 1/8") and overlaid to cancel inductive
effects.
16
15
14
13
12
11
10
9
+VBAT
WIDE TRACE
WIDE TRACE
SEE TEXT AND NOTES
1
2
3
4
5
6
7
8
ICCFL
DIO
VC
AGND
SHDN
SMBSUS
VSW
BULB
BAT
ROYER
VIN
IOUT
SCL
PGND
ADR
LT1786F
LAMP
10
6
10
6
L1
L3
NC
NC
750
Ω
MBRS130L
L2
BAT54
3
21
3
2
1
5
4
5
4
+
0.1
µF*
0.1
µF*
1000pF
220k
100k
2.2
µF
16V
1
µF
1786 F02
2.2
µF
27pF
+
2.2
µF
Q1-Q2
ZDT1048
SHUTDOWN
SDA
L1, L3 = COILTRONICS CTX110605
OVERLAY INDICATED TRACES BETWEEN L1 AND L3
L2 = COILTRONICS CTX100-4
* = WIMA MKI OR MKP-20
= PANASONIC ECH-U
COILTRONICS (561) 241-7876
VIN
5V
+
TO
SMBus
HOST
Figure 2. Dual Transformers Save Space and Minimize parasitic Losses While Maintaining
Current Accuracy and Line Regulation. Trade-Off Is Increased Cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com