Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1786FCS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1786FCS
Description  SMBus Programmable CCFL Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786FCS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1786FCS Datasheet HTML 11Page - Linear Technology LT1786FCS Datasheet HTML 12Page - Linear Technology LT1786FCS Datasheet HTML 13Page - Linear Technology LT1786FCS Datasheet HTML 14Page - Linear Technology LT1786FCS Datasheet HTML 15Page - Linear Technology LT1786FCS Datasheet HTML 16Page - Linear Technology LT1786FCS Datasheet HTML 17Page - Linear Technology LT1786FCS Datasheet HTML 18Page - Linear Technology LT1786FCS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1786F
APPLICATIONS INFORMATION
of the probe’s respective input capacitance. A current
meter in series with the ICCFL pin will also produce oscil-
lation due to its shunt capacitance. Use a decoupling
resistor of several kilohms between the ICCFL pin and the
IOUT pin if excessive trace stray capacitance exists. Nor-
mally, this resistor is not required.
In some applications, the maximum programming current
required at the ICCFL pin for a maximum lamp current will be
less than the full-scale output current of the DAC, which is
100
µA. The system designer can either limit the maximum
programming current through software built into the system,
or use a current splitter which shunts a percentage of the full-
scale current from the ICCFL pin. A splitter circuit is illustrated
in Figure 1. A divider string is used from a reference voltage
to set up a voltage level equal to the ICCFL summing voltage,
or 465mV. The main current flowing in the divider string
should be chosen to swamp out the effects of the shunted
current into the divider string.
IOUT FULL-SCALE
100
µA
V(ICCFL)
465mV
I
XI
V1
R1
VREF
R3
I = 100
µA
0 < X < 1
SELECT V1 WITHIN THE DAC IOUT
COMPLIANCE RANGE
(EX. V1 = 2V FOR VCC = 3.3V OR 5V)
CHOOSE I1 >> (1 – X)I
R1 = (V1 – 0.465)/[(X)(100
µA)]
R2 = (V1 – 0.465)/[(1 – X)(100
µA)]
R3 = (VREF – 0.465)/I1
R4 = 0.465R3/[(1 – X)(100
µA)(R3)
+ (VREF – 0.465)]
I1
1786 F01
R4
V(ICCFL)
(1 – X)I
R2
Figure 1
Grounded Lamp Configuration
In a grounded lamp configuration, the low voltage side of
the lamp connects directly to the LT1786F DIO pin. This
pin is the common connection between the cathode and
anode of two internal diodes. In previous grounded lamp
solutions, these diodes were discrete units and are now
integrated onto the IC, saving cost and board space.
Bidirectional lamp current flows in the DIO pin and thus,
the diodes conduct alternately on half cycles. Lamp cur-
rent is controlled by monitoring one-half of the average
lamp current. The diode conducting on negative half
cycles has one-tenth of its current diverted to the CCFL VC
pin and nulls against the source current provided by the
Simplified Lamp Current Programming
A programming block in the LT1786F controls lamp
current, permitting either grounded lamp or floating lamp
configurations. Grounded configurations control lamp
current by directly controlling one-half of actual lamp
current and converting it to a feedback signal to close a
control loop. Floating configurations control lamp current
by directly controlling the Royer’s primary-side converter
current and generating a feedback signal to close a control
loop.
Previous backlighting solutions have used a traditional
error amplifier in the control loop to regulate lamp current.
This approach converted an RMS current into a DC voltage
for the input of the error amplifier. This approach used
several time constants in order to provide stable loop
frequency compensation. This compensation scheme
meant that the loop had to be fairly slow and that output
overshoot with start-up or overload conditions had to be
carefully evaluated in terms of transformer stress and
breakdown voltage requirements.
The LT1786F eliminates the error amplifier concept
entirely and replaces it with a lamp current programming
block. This block provides an easy-to-use interface to
program lamp current. The programmer circuit also
reduces the number of time constants in the control loop
by combining the error signal conversion scheme and
frequency compensation into a single capacitor. The con-
trol loop thus exhibits the response of a single pole
system, allows for faster loop transient response and
virtually eliminates overshoot under start-up or overload
conditions.
Lamp current is programmed at the input of the program-
mer block, the ICCFL pin. This pin is the input of a shunt
regulator and accepts a DC input current signal of 0
µA to
100
µA from the DAC. This input signal is converted to a
0
µA to 500µA source current at the CCFL VC pin. The
programmer circuit is simply a current-to-current con-
verter with a gain of five.
The ICCFL pin is sensitive to capacitive loading and will
oscillate with capacitance greater than 10pF. For example,
loading the ICCFL pin with a 1× or 10× scope probe causes
oscillation and erratic CCFL regulator operation because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com