Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1787CS8
Description  Precision, High Side Current Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1787CS8 Datasheet HTML 4Page - Linear Technology LT1787CS8 Datasheet HTML 5Page - Linear Technology LT1787CS8 Datasheet HTML 6Page - Linear Technology LT1787CS8 Datasheet HTML 7Page - Linear Technology LT1787CS8 Datasheet HTML 8Page - Linear Technology LT1787CS8 Datasheet HTML 9Page - Linear Technology LT1787CS8 Datasheet HTML 10Page - Linear Technology LT1787CS8 Datasheet HTML 11Page - Linear Technology LT1787CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1787/LT1787HV
APPLICATIONS INFORMATION
Kelvin connection of the LT1787’s VS+ and VS– inputs to
the sense resistor should be used in all but the lowest
power applications. Solder connections and PC board
interconnect resistance (approximately 0.5m
Ωpersquare)
can be a large error in high current systems. A 5-Amp
application might choose a 20m
Ω sense resistor to give a
100mV full-scale input to the LT1787. Input offset voltage
will limit resolution to 2mA. Neglecting contact resistance
at solder joints, even one square of PC board copper at
each resistor end will cause an error of 5%. This error will
grow proportionately higher as monitored current levels
rise to tens or hundreds of amperes.
Input Noise Filtering
The LT1787 provides input signal filtering pins FIL+ and
FIL– that are internally connected to the midpoint taps of
resistors RG1 and RG2. These pins may be used to filter the
input signal entering the LT1787’s internal amplifier, and
should be used when fast current ripple or transients may
flow through the sense resistor. High frequency signals
above the 300kHz bandwidth of the LT1787’s internal
amplifier will cause errors. A capacitor connected between
FIL+ and FIL– creates a single pole low pass filter with
corner frequency:
f–3dB = 1/(2πRC)
where R = 1.25k. A 0.01
µF capacitor creates a pole at
12.7kHz, a good choice for many applications.
Common mode filtering from the FIL+ and FIL– pins should
not be attempted, as mismatch in the capacitors from FIL+
and FIL– will create AC common mode errors. Common
mode filtering must be done at the power supply output.
Output Signal Range
The LT1787’s output signal is developed by summing the
net currents through RG1 and RG2 into output resistor
ROUT. The pins VOUT and VBIAS may be connected in
numerous configurations to interface with following cir-
cuitry in either single supply or split supply applications.
Care must be used in connecting the output pins to
preserve signal accuracy. Limitations on the signal swing
at VOUT are imposed by the negative supply, VEE, and the
input voltage VS+. In the negative direction, internal circuit
saturation with loss of accuracy occurs for VOUT < 70mV
with absolute minimum swing at 30mV above VEE. VOUT
may swing positive to within 0.75V of VS+ or a maximum
of 35V, a limit set by internal junction breakdown. Within
these contraints, an amplified, level shifted representation
of the RSENSE voltage is developed across ROUT.
Split Supply Bipolar Output Swing
Figure 2 shows the LT1787 used with split power supplies.
The VBIAS pin is connected to ground, and the output
signal appears at the VOUT pin. Bidirectional input currents
can be monitored with the output swinging positive for
current flow from VS+ and VS–. Input currents in the
opposite direction cause VOUT to swing below ground.
Figure 2 shows an optional output capacitor connected
from VOUT to ground. This capacitor may be used to filter
the output signal before it is processed by other
circuitry.Figure 3 shows the voltage transfer function of
the LT1787 used in this configuration.
Single Supply with Shifted VBIAS
Figure 4 shows the LT1787 used in a single supply mode
with the VBIAS pin shifted positive using an external
LT1634 voltage reference. The VOUT output signal can
swing above and below VBIAS to allow monitoring of
positive or negative currents through the sense resistor,
as shown in Figure 5. The choice of reference voltage is not
critical except for the precaution that adequate headroom
must be provided for VOUT to swing without saturating the
internal circuitry. The component values shown in Figure 4
allow operation with VS supplies as low as 3.1V.
Operation with A/D Converter
Figure 6 shows the LT1787 operating with the LTC1286
A/D converter. This low cost circuit is capable of 12-bit
resolution of unipolar currents. The – IN pin of the A/D
converter is biased at 1V by the resistor divider R1 and R2.
This voltage increases as sense current increases, with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com