Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1787CS8
Description  Precision, High Side Current Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1787CS8 Datasheet HTML 4Page - Linear Technology LT1787CS8 Datasheet HTML 5Page - Linear Technology LT1787CS8 Datasheet HTML 6Page - Linear Technology LT1787CS8 Datasheet HTML 7Page - Linear Technology LT1787CS8 Datasheet HTML 8Page - Linear Technology LT1787CS8 Datasheet HTML 9Page - Linear Technology LT1787CS8 Datasheet HTML 10Page - Linear Technology LT1787CS8 Datasheet HTML 11Page - Linear Technology LT1787CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1787/LT1787HV
1787f LT/TP 0100 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1043
Dual Precision Instrumentation Switched Capacitor Building Block
120dB CMRR, 3V to 18V Operation
LT1490/LT1491
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps
50
µA Amplifier, 2.7V to 40V Operation,
Over-The-Top
TM Inputs
LT1620/LT1621
Rail-to-Rail Current Sense Amplifiers
Accurate Output Current Programming, Battery
Charging to 32V
Over-The-Top is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
Split or Single Supply Operation, Bidirectional Output into A/D
1
Ω
1%
VEE
–5V
VOUT (±1V)
VSRCE
≈4.75V
IS = ±125mA
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
20k
1787 TA02
10
µF
16V
7
6
8
5
4
3
2
1
VREF
GND
LTC1404
CONV
CLK
DOUT
AIN
VCC
5V
VEE
–5V
DOUT
OPTIONAL SINGLE
SUPPLY OPERATION:
DISCONNECT VBIAS
FROM GROUND
AND CONNECT IT TO VREF.
REPLACE –5V SUPPLY
WITH GROUND.
OUTPUT CODE FOR ZERO
CURRENT WILL BE ~2430
10
µF
16V
10
µF
16V
CLOCKING
CIRCUITRY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com