Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1787CS8
Description  Precision, High Side Current Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1787CS8 Datasheet HTML 4Page - Linear Technology LT1787CS8 Datasheet HTML 5Page - Linear Technology LT1787CS8 Datasheet HTML 6Page - Linear Technology LT1787CS8 Datasheet HTML 7Page - Linear Technology LT1787CS8 Datasheet HTML 8Page - Linear Technology LT1787CS8 Datasheet HTML 9Page - Linear Technology LT1787CS8 Datasheet HTML 10Page - Linear Technology LT1787CS8 Datasheet HTML 11Page - Linear Technology LT1787CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1787/LT1787HV
Figure 3. Split Supply Output Voltage
SENSE VOLTAGE (VS
+ – V
S
–) (mV)
1787 F03
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–128
–64
0
32
–96
–32
64
96
128
VS = 3.3V TO 60V
TA = – 40°C TO 85°C
SENSE VOLTAGE (VS
+ – V
S
–) (mV)
1787 F05
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–128
–64
0
32
–96
–32
64
96
128
VS = 3.3V TO 60V
TA = – 40°C TO 85°C
Figure 5. Single Supply Output Voltage
with VBIAS = 1.25V
Figure 2. Split Supply Operation
*OPTIONAL
C2
1
µF
–5V
1787 F02
OUTPUT
C3*
1000pF
C1
1
µF
RSENSE
15V
TO
CHARGER/
LOAD
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
ROUT
Figure 4. Charge/Discharge Current Monitor on
Single Supply with VBIAS = 1.25V
C2
1
µF
20k
5%
1787 F04
3.3V
LT1634-1.25
*OPTIONAL
OUTPUT
C1
1
µF
RSENSE
3.3V
TO
60V
TO
CHARGER/
LOAD
1
2
3
4
8
7
6
5
LT1787HV
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
C3*
1000pF
ROUT
amplified sense voltage appearing between the A/D con-
verters –IN and +IN terminals. The front page of the data
sheet shows a similar circuit which uses a voltage refer-
ence for improved accuracy and signal range. The LTC1286
converter uses sequential sampling of its –IN and +IN
inputs. Accuracy is degraded if the inputs move between
sampling intervals. A filter capacitor from FIL+ to FIL– as
well as a filter capacitor from VBIAS to VOUT may be
necessary if the sensed current changes more than 1LSB
within a conversion cycle.
Figure 6. Unidirectional Output into A/D
with Fixed Supply at VS
+
R2
5k
5%
1787 F06
IOUT
C1
1
µF
5V
VREF
VCC
GND
LTC1286
CS
CLK
DOUT
+IN
–IN
TO
µP
RSENSE
5V
1
2
3
4
8
7
6
5
LT1787
FIL+
FIL–
VBIAS
VOUT
VS
–
VS
+
DNC
VEE
R1
20k
5%
ROUT
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com