Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1920 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1920
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920 Datasheet(HTML) 3 Page - Linear Technology

  LT1920 Datasheet HTML 1Page - Linear Technology LT1920 Datasheet HTML 2Page - Linear Technology LT1920 Datasheet HTML 3Page - Linear Technology LT1920 Datasheet HTML 4Page - Linear Technology LT1920 Datasheet HTML 5Page - Linear Technology LT1920 Datasheet HTML 6Page - Linear Technology LT1920 Datasheet HTML 7Page - Linear Technology LT1920 Datasheet HTML 8Page - Linear Technology LT1920 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1920
ELECTRICAL CHARACTERISTICS V
S = ±15V, VCM = 0V, TA = 25°C, RL = 2k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
CIN(CM)
Common Mode Input Capacitance
fO = 100kHz
1.6
pF
VCM
Input Voltage Range
G = 1, Other Input Grounded
VS = ±2.3V to ±5V
–VS + 1.9
+VS – 1.2
V
VS = ±5V to ±18V
–VS + 1.9
+VS – 1.4
V
VS = ±2.3V to ±5V
q
–VS + 2.1
+VS – 1.3
V
VS = ±5V to ±18V
q
–VS + 2.1
+VS – 1.4
V
CMRR
Common Mode Rejection Ratio
1k Source Imbalance,
VCM = 0V to ±10V
G = 1
75
95
dB
G = 10
95
115
dB
G = 100
110
125
dB
G = 1000
110
140
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.3 to ±18V
G = 1
80
120
dB
G = 10
100
135
dB
G = 100
120
140
dB
G = 1000
120
150
dB
IS
Supply Current
VS = ±2.3V to ±18V
0.9
1.3
mA
VOUT
Output Voltage Swing
RL = 10k
VS = ±2.3V to ±5V
–VS + 1.1
+VS – 1.2
V
VS = ±5V to ±18V
–VS + 1.2
+VS – 1.3
V
VS = ±2.3V to ±5V
q
–VS + 1.4
+VS – 1.3
V
VS = ±5V to ±18V
q
–VS + 1.6
+VS – 1.5
V
IOUT
Output Current
20
27
mA
BW
Bandwidth
G = 1
1000
kHz
G = 10
800
kHz
G = 100
120
kHz
G = 1000
12
kHz
SR
Slew Rate
G = 1, VOUT = ±10V
1.2
V/
µs
Settling Time to 0.01%
10V Step
G = 1 to 100
14
µs
G = 1000
130
µs
RREFIN
Reference Input Resistance
20
k
Ω
IREFIN
Reference Input Current
VREF = 0V
50
µA
VREF
Reference Voltage Range
– VS + 1.6
+VS – 1.6
V
AVREF
Reference Gain to Output
1
± 0.0001
The q denotes specifications that apply over the full specified
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Does not include the effect of the external gain resistor RG.
Note 3: This parameter is not 100% tested.
Note 4: The LT1920C is designed, characterized and expected to meet the
industrial temperature limits, but is not tested at – 40
°C and 85°C. I-grade
parts are guaranteed.
Note 5: This parameter is measured in a high speed automatic tester that
does not measure the thermal effects with longer time constants. The
magnitude of these thermal effects are dependent on the package used,
heat sinking and air flow conditions.
Note 6: Typical parameters are defined as the 60% of the yield parameter
distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com