Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1920 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1920
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1920 Datasheet HTML 2Page - Linear Technology LT1920 Datasheet HTML 3Page - Linear Technology LT1920 Datasheet HTML 4Page - Linear Technology LT1920 Datasheet HTML 5Page - Linear Technology LT1920 Datasheet HTML 6Page - Linear Technology LT1920 Datasheet HTML 7Page - Linear Technology LT1920 Datasheet HTML 8Page - Linear Technology LT1920 Datasheet HTML 9Page - Linear Technology LT1920 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1920
TYPICAL PERFOR A CE CHARACTERISTICS
Overshoot vs Capacitive Load
CAPACITIVE LOAD (pF)
10
40
50
60
70
80
100
1000
10000
1920 G25
30
20
10
0
90
100
VS = ±15V
VOUT = ±50mV
RL =
∞
AV ≥ 100
AV = 10
AV = 1
Undistorted Output Swing
vs Frequency
FREQUENCY (kHz)
1
20
25
30
35
10
100
1000
1920 G27
15
10
5
0
G = 1
G = 10, 100, 1000
VS = ±15V
TA = 25°C
Output Impedance vs Frequency
FREQUENCY (kHz)
1
10
100
1000
10
100
1000
1920 G26
0.1
1
VS = ±15V
TA = 25°C
G = 1 TO 1000
10
µs/DIV
Large-Signal Transient Response
1167 G28
G = 1
VS = ±15V
RL = 2k
CL = 60pF
10
µs/DIV
Large-Signal Transient Response
G = 10
VS = ± 15V
RL = 2k
CL = 60pF
1167 G31
10
µs/DIV
Large-Signal Transient Response
1167 G34
G = 100
VS = ± 15V
RL = 2k
CL = 60pF
10
µs/DIV
G = 10
VS = ±15V
RL = 2k
CL = 60pF
Small-Signal Transient Response
1167 G32
10
µs/DIV
G = 1
VS = ±15V
RL = 2k
CL = 60pF
Small-Signal Transient Response
1167 G29
10
µs/DIV
G = 100
VS = ±15V
RL = 2k
CL = 60pF
Small-Signal Transient Response
1167 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com