Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1920 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1920
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1920 Datasheet(HTML) 5 Page - Linear Technology

  LT1920 Datasheet HTML 1Page - Linear Technology LT1920 Datasheet HTML 2Page - Linear Technology LT1920 Datasheet HTML 3Page - Linear Technology LT1920 Datasheet HTML 4Page - Linear Technology LT1920 Datasheet HTML 5Page - Linear Technology LT1920 Datasheet HTML 6Page - Linear Technology LT1920 Datasheet HTML 7Page - Linear Technology LT1920 Datasheet HTML 8Page - Linear Technology LT1920 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1920
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
0.1
60
80
100
100
10k
1920 G16
40
20
0
110
1k
120
140
160
100k
G = 1000
G = 10
G = 1
V – = – 15V
TA = 25°C
G = 100
Positive Power Supply Rejection
Ratio vs Frequency
Gain vs Frequency
FREQUENCY (kHz)
0
10
30
50
60
0.01
1
10
1000
1920 G17
–10
0.1
100
40
20
–20
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = 25°C
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (
±V)
0
1.00
1.25
85
°C
25
°C
–40
°C
20
1920 G18
0.75
0.50
5
10
15
1.50
0.1Hz to 10Hz Noise Voltage, RTI
G = 1000
TIME (SEC)
0
8
1920 G21
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
1
0
100
1000
10
100
1k
100k
10k
1920 G19
10
VS = ±15V
TA = 25°C
1/fCORNER = 10Hz
1/fCORNER = 9Hz
1/fCORNER = 7Hz
GAIN = 1
GAIN = 10
GAIN = 100, 1000
BW LIMIT
GAIN = 1000
Voltage Noise Density
vs Frequency
TIME (SEC)
0
8
1920 G20
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
0.1Hz to 10Hz Noise Voltage,
G = 1
Current Noise Density
vs Frequency
FREQUENCY (Hz)
1
10
100
1000
10
100
1000
1920 G22
VS = ±15V
TA = 25°C
RS
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–50
–40
–20
–10
0
50
20
1
2
1920 G24
–30
30
40
10
3
TA = –40°C
VS = ±15V
TA = –40°C
TA = 25°C
TA = 85°C
TA = 85°C
TA = 25°C
Short-Circuit Current vs Time
TIME (SEC)
0
8
1920 G23
2
4
5
10
6
1
3
9
7
VS = ±15V
TA = 25°C
0.1Hz to 10Hz Current Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com