Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1949 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1949
Description  600kHz, 1A Switch PWM DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949 Datasheet(HTML) 2 Page - Linear Technology

  LT1949 Datasheet HTML 1Page - Linear Technology LT1949 Datasheet HTML 2Page - Linear Technology LT1949 Datasheet HTML 3Page - Linear Technology LT1949 Datasheet HTML 4Page - Linear Technology LT1949 Datasheet HTML 5Page - Linear Technology LT1949 Datasheet HTML 6Page - Linear Technology LT1949 Datasheet HTML 7Page - Linear Technology LT1949 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1949
VIN, LBO Voltage ..................................................... 12V
SW Voltage ............................................... – 0.4V to 30V
FB Voltage .................................................... VIN + 0.3V
VC Voltage ................................................................ 2V
LBI Voltage ............................................ 0V
≤ VLBI ≤ 1V
SHDN Voltage ........................................................... 6V
(Note 1)
LT1949EMS8
LTJC
Consult factory for Military grade parts.
1
2
3
4
VC
FB
SHDN
GND
8
7
6
5
LBO
LBI
VIN
SW
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 120°C/W
Junction Temperature .......................................... 125
°C
Operating Temperature Range (Note 2)
LT1949EMS8 .......................................–40
°C to 85°C
LT1949ES8/LT1949IS8 .......................–40
°C to 85°C
Storage Temperature ........................... – 65
°C to 150°C
Lead Temperature (Soldering, 10sec).................. 300
°C
ORDER PART
NUMBER
LT1949ES8
LT1949IS8
S8 PART MARKING
1949E
1949I
1
2
3
4
8
7
6
5
TOP VIEW
LBO
LBI
VIN
SW
VC
FB
SHDN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 120°C/W
ORDER PART
NUMBER
MS8 PART MARKING
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 2V, VSHDN = 2V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
q
4.5
7.5
mA
VSHDN = 0V
q
25
40
µA
VFB
Feedback Voltage
1.22
1.24
1.26
V
q
1.20
1.24
1.26
V
IB
FB Pin Bias Current (Note 3)
q
12
80
nA
Input Voltage Range
q
1.7
12
V
gm
Error Amp Transconductance
∆I = 5µA
q
70
140
240
µmhos
AV
Error Amp Voltage Gain
700
V/V
Maximum Duty Cycle
q
80
85
%
Switch Current Limit (Note 4)
VIN = 2.5V, Duty Cycle = 30%
1
1.13
1.5
A
VIN = 2.5V, Duty Cycle = 30%
q
0.95
1.5
A
fOSC
Switching Frequency
q
500
600
750
kHz
Shutdown Pin Current
VSHDN = VIN
q
0.015
0.1
µA
VSHDN = 0V
q
– 2.3
– 7
µA
LBI Threshold Voltage
190
200
210
mV
q
180
200
220
mV
LBO Output Low
ISINK = 10µA
q
0.15
0.25
V
LBO Leakage Current
VLBI = 250mV, VLBO = 5V
q
0.02
0.1
µA
LBI Input Bias Current (Note 5)
VLBI = 150mV
q
560
nA
Low-Battery Detector Gain
1M
Ω Pull-Up
2000
V/V
Switch Leakage Current
VSW = 5V
q
0.01
3
µA
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com