Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1949 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1949
Description  600kHz, 1A Switch PWM DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949 Datasheet(HTML) 5 Page - Linear Technology

  LT1949 Datasheet HTML 1Page - Linear Technology LT1949 Datasheet HTML 2Page - Linear Technology LT1949 Datasheet HTML 3Page - Linear Technology LT1949 Datasheet HTML 4Page - Linear Technology LT1949 Datasheet HTML 5Page - Linear Technology LT1949 Datasheet HTML 6Page - Linear Technology LT1949 Datasheet HTML 7Page - Linear Technology LT1949 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1949
–
+
–
+
–
+
–
+
+
+
Σ
RAMP
GENERATOR
1.24V
REFERENCE
R
BIAS
VC
gm
FB
ENABLE
200mV
A = 2
FF
A1
COMPARATOR
A2
COMPARATOR
ERROR
AMPLIFIER
A4
0.06
Ω
DRIVER
SW
GND 1949 BD
Q3
Q
S
600kHz
OSCILLATOR
5
LBO
LBI
SHDN
SHUTDOWN
3
7
1
4
R1
(EXTERNAL)
VOUT
8
R2
(EXTERNAL)
FB
2
Figure 3. LT1949 Block Diagram
The LT1949 is a current mode, fixed frequency step-up
DC/DC converter with an internal 1A NPN power transis-
tor. Operation can best be understood by referring to the
Block Diagram.
At the beginning of each oscillator cycle, the flip-flop is set
and the switch is turned on. Current in the switch ramps
up until the voltage at A2’s positive input reaches the VC
pin voltage, causing A2’s output to change state and the
switch to be turned off. The signal at A2’s positive input is
a summation of a signal representing switch current and
a ramp generator (introduced to avoid subharmonic oscil-
lations at duty factors greater than 50%). If the load
increases, VOUT (and FB) will drop slightly and the error
amplifier will drive VC to a higher voltage, causing current
in the switch to increase. In this way, the error amplifier
drives the VC pin to the voltage necessary to satisfy the
load. Frequency compensation is provided by an external
series RC network connected between the VC pin and
ground.
Layout Hints
The LT1949 switches current at high speed, mandating
careful attention to layout for proper performance.
You
will not get advertised performance with careless layouts.
Figure 4 shows recommended component placement for
a boost (step-up) converter. Follow this closely in your PC
layout. Note the direct path of the switching loops. Input
capacitor C1
must be placed close (< 5mm) to the IC
package. As little as 10mm of wire or PC trace from CIN to
VIN will cause problems such as inability to regulate or
oscillation.
The ground terminal of output capacitor C2 should tie
close to Pin 4 of the LT1949. Doing this reduces dI/dt in the
ground copper which keeps high frequency spikes to a
minimum. The DC/DC converter ground should tie to the
PC board ground plane at one place only, to avoid intro-
ducing dI/dt in the ground plane.
BLOCK DIAGRA
OPERATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com