Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1949 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1949
Description  600kHz, 1A Switch PWM DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1949 Datasheet(HTML) 3 Page - Linear Technology

  LT1949 Datasheet HTML 1Page - Linear Technology LT1949 Datasheet HTML 2Page - Linear Technology LT1949 Datasheet HTML 3Page - Linear Technology LT1949 Datasheet HTML 4Page - Linear Technology LT1949 Datasheet HTML 5Page - Linear Technology LT1949 Datasheet HTML 6Page - Linear Technology LT1949 Datasheet HTML 7Page - Linear Technology LT1949 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT1949
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE
0
700
650
600
550
500
24
6
8
1949 G01
10
12
25
°C
–40
°C
85
°C
Oscillator Frequency
Switch Current Limit,
Duty Cycle = 30%
Switch Current Limit
TEMPERATURE (
°C)
–50
1.3
1.2
1.1
1.0
0.9
0.8
–25
025
50
1949 G03
75
100
Switch Voltage Drop (VCESAT)
Feedback Voltage
TEMPERATURE (
°C)
–50
1.25
1.24
1.23
1.22
1.21
1.20
–25
0
25
50
1949 G05
75
100
Quiescent Current, SHDN = 2V
TEMPERATURE (
°C)
–50
–25
1949 G06
4.6
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
0
255075
100
SWITCH CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1949 G04
1.0
1.2
85
°C
–40
°C
25
°C
Note 3: Bias current flows into FB pin.
Note 4: Switch current limit guaranteed by design and/or correlation to
static tests. Duty cycle affects current limit due to ramp generator.
Note 5: Bias current flows out of LBI pin.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT1949E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 2V, VSHDN = 2V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch VCESAT
ISW = 800mA
410
mV
ISW = 500mA
q
400
mV
Reference Line Regulation
1.8V
≤ VIN ≤ 12V
q
0.08
0.15
%/V
SHDN Input Voltage High
q
1.4
6
V
SHDN Input Voltage Low
q
0.4
V
ELECTRICAL CHARACTERISTICS
DUTY CYCLE (%)
0
1.3
1.2
1.1
1.0
0.9
0.8
80
1949 G02
20
40
60
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com