Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AC Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1044AC
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AC Datasheet(HTML) 2 Page - Linear Technology

  LTC1044AC Datasheet HTML 1Page - Linear Technology LTC1044AC Datasheet HTML 2Page - Linear Technology LTC1044AC Datasheet HTML 3Page - Linear Technology LTC1044AC Datasheet HTML 4Page - Linear Technology LTC1044AC Datasheet HTML 5Page - Linear Technology LTC1044AC Datasheet HTML 6Page - Linear Technology LTC1044AC Datasheet HTML 7Page - Linear Technology LTC1044AC Datasheet HTML 8Page - Linear Technology LTC1044AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1044A
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
(Note 1)
Supply Voltage ........................................................ 13V
Input Voltage on Pins 1, 6 and 7
(Note 2) .............................. – 0.3V < VIN < V + + 0.3V
Current into Pin 6 ................................................. 20
µA
Output Short-Circuit Duration
V +
≤ 6.5V .................................................Continuous
Operating Temperature Range
LTC1044AC ............................................ 0
°C to 70°C
LTC1044AI ........................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
TJMAX = 110°C, θJA = 100°C/W
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
BOOST
CAP+
GND
CAP–
V+
OSC
LV
VOUT
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PART MARKING
LTC1044ACN8
LTC1044AIN8
LTC1044ACS8
LTC1044AIS8
1044A
1044AI
TJMAX = 110°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OSC
LV
VOUT
BOOST
CAP+
GND
CAP–
S8 PACKAGE
8-LEAD PLASTIC SOIC
LTC1044AC
LTC1044AI
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current
RL = ∞, Pins 1 and 7, No Connection
60
200
60
200
µA
RL = ∞, Pins 1 and 7, No Connection,
15
15
µA
V + = 3V
Minimum Supply Voltage
RL = 10k
q
1.5
1.5
V
Maximum Supply Voltage
RL = 10k
q
12
12
V
ROUT
Output Resistance
IL = 20mA, fOSC = 5kHz
100
100
Ω
q
120
130
Ω
V + = 2V, IL = 3mA, fOSC = 1kHz
q
310
325
Ω
fOSC
Oscillator Frequency
V + = 5V, (Note 3)
q
5
5
kHz
V + = 2V
q
1
1
kHz
PEFF
Power Efficiency
RL = 5k, fOSC = 5kHz
95
98
95
98
%
Voltage Conversion Efficiency
RL = ∞
97
99.9
97
99.9
%
Oscillator Sink or Source
VOSC = 0V or V
+
Current
Pin 1 (BOOST) = 0V
q
33
µA
Pin 1 (BOOST) = V +
q
20
20
µA
ELECTRICAL C
C
HARA TERISTICS V+ = 5V, C
OSC = 0pF, TA = 25°C, See Test Circuit, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range; all other limits and typicals TA = 25°C.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Connecting any input terminal to voltages greater than V + or less
than ground may cause destructive latch-up. It is recommended that no
inputs from sources operating from external supplies be applied prior to
power-up of the LTC1044A.
Note 3: fOSC is tested with COSC = 100pF to minimize the effects of test
fixture capacitance loading. The 0pF frequency is correlated to this 100pF
test point, and is intended to simulate the capacitance at pin 7 when the
device is plugged into a test socket and no external capacitor is used.
Consult factory for Military grade parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com