Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AC Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1044AC
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AC Datasheet(HTML) 3 Page - Linear Technology

  LTC1044AC Datasheet HTML 1Page - Linear Technology LTC1044AC Datasheet HTML 2Page - Linear Technology LTC1044AC Datasheet HTML 3Page - Linear Technology LTC1044AC Datasheet HTML 4Page - Linear Technology LTC1044AC Datasheet HTML 5Page - Linear Technology LTC1044AC Datasheet HTML 6Page - Linear Technology LTC1044AC Datasheet HTML 7Page - Linear Technology LTC1044AC Datasheet HTML 8Page - Linear Technology LTC1044AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1044A
Operating Voltage Range
vs Temperature
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
AMBIENT TEMPERATURE (°C)
–55
8
10
14
25
75
LTC1044A • TPC01
6
4
–25
0
50
100
125
2
0
12
Power Efficiency vs
Oscillator Frequency, V + = 5V
OSCILLATOR FREQUENCY (Hz)
100
88
90
92
94
96
1k
10k
100k
LTC1044A • G02
86
84
82
80
98
100
100
µF
100
µF
10
µF
10
µF
1
µF
1
µF
IL = 1mA
IL = 15mA
TA = 25°C
C1 = C2
Output Resistance vs
Oscillator Frequency, V + = 5V
OSCILLATOR FREQUENCY (Hz)
100
200
300
400
1k
10k
100k
LTC1044A • TPC04
100
0
500
TA = 25°C
IL = 10mA
C1 = C2 = 10
µF
C1 = C2 = 1
µF
C1 = C2 = 100
µF
LOAD CURRENT (mA)
0
0
10
30
40
50
100
70
2
4
5
LTC1044A • TPC06
20
80
90
PEFF
IS
60
0
1
3
4
5
10
7
2
8
9
6
1
3
6
7
TA = 25°C
C1 = C2 = 10
µF
fOSC = 1kHz
Output Resistance vs
Oscillator Frequency, V + = 10V
OSCILLATOR FREQUENCY (Hz)
100
200
300
400
1k
10k
100k
LTC1044A • TPC05
100
0
500
TA = 25°C
IL = 10mA
C1 = C2 = 1
µF
C1 = C2
= 100
µF
C1 = C2
= 10
µF
Power Conversion Efficiency
vs Load Current, V + = 2V
Power Conversion Efficiency
vs Load Current, V + = 5V
LOAD CURRENT (mA)
0
0
10
30
40
50
100
70
20
40
50
LTC1044A • TPC07
20
80
90
PEFF
IS
60
0
10
30
40
50
100
70
20
80
90
60
10
30
60
70
TA = 25°C
C1 = C2 = 10
µF
fOSC = 5kHz
LOAD CURRENT (mA)
0
0
10
30
40
50
100
70
40
80
100
LTC1044A • TPC08
20
80
90
PEFF
IS
60
0
30
90
120
150
300
210
60
240
270
180
20
60
120
140
TA = 25°C
C1 = C2 = 10
µF
fOSC = 20kHz
Power Conversion Efficiency
vs Load Current, V + = 10V
Using the Test Circuit
Power Efficiency vs
Oscillator Frequency, V + = 10V
OSCILLATOR FREQUENCY (Hz)
100
1k
10k
100k
LTC1044A • TPC03
TA = 25°C
C1 = C2
100
µF
IL = 1mA
10
µF
10
µF
1
µF
1
µF
88
90
92
94
96
86
84
82
80
98
100
100
µF
IL = 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com