Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1044AC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1044AC
Description  12V CMOS Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AC Datasheet(HTML) 5 Page - Linear Technology

  LTC1044AC Datasheet HTML 1Page - Linear Technology LTC1044AC Datasheet HTML 2Page - Linear Technology LTC1044AC Datasheet HTML 3Page - Linear Technology LTC1044AC Datasheet HTML 4Page - Linear Technology LTC1044AC Datasheet HTML 5Page - Linear Technology LTC1044AC Datasheet HTML 6Page - Linear Technology LTC1044AC Datasheet HTML 7Page - Linear Technology LTC1044AC Datasheet HTML 8Page - Linear Technology LTC1044AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1044A
1
2
3
4
8
7
6
5
LTC1044A
V+ (5V)
+
C1
10
µF
C2
10
µF
COSC
VOUT
RL
IS
IL
EXTERNAL
OSCILLATOR
LTC1044A • TC
S
APPLICATI
I FOR ATIO
Theory of Operation
To understand the theory of operation of the LTC1044A, a
review of a basic switched-capacitor building block is
helpful.
In Figure 1, when the switch is in the left position, capacitor
C1 will charge to voltage V1. The total charge on C1 will be
q1 = C1V1. The switch then moves to the right, discharg-
ing C1 to voltage V2. After this discharge time, the charge
on C1 is q2 = C1V2. Note that charge has been transferred
from the source, V1, to the output, V2. The amount of
charge transferred is:
∆q = q1 – q2 = C1(V1 – V2)
If the switch is cycled f times per second, the charge
transfer per unit time (i.e., current) is:
I = f
× ∆q = f × C1(V1 – V2)
V1
LTC1044A • F01
V2
C1
f
C2
RL
Figure 1. Switched-Capacitor Building Block
Rewriting in terms of voltage and impedance equivalence,
I =
=
V1 – V2
1/(f
× C1)
V1 – V2
REQUIV
A new variable, REQUIV, has been defined such that REQUIV
= 1/(f
× C1). Thus, the equivalent circuit for the switched-
capacitor network is as shown in Figure 2.
V1
LTC1044A • F02
V2
C2
RL
REQUIV
REQUIV =
1
f
× C1
Figure 2. Switched-Capacitor Equivalent Circuit
Examination of Figure 3 shows that the LTC1044A has the
same switching action as the basic switched-capacitor
building block. With the addition of finite switch-on resis-
tance and output voltage ripple, the simple theory al-
though not exact, provides an intuitive feel for how the
device works.
For example, if you examine power conversion efficiency
as a function of frequency (see typical curve), this simple
theory will explain how the LTC1044A behaves. The loss,
and hence the efficiency, is set by the output impedance.
As frequency is decreased, the output impedance will
eventually be dominated by the 1/(f
× C1) term, and power
efficiency will drop. The typical curves for Power Effi-
ciency vs Frequency show this effect for various capacitor
values.
Note also that power efficiency decreases as frequency
goes up. This is caused by internal switching losses which
occur due to some finite charge being lost on each
switching cycle. This charge loss per unit cycle, when
multiplied by the switching frequency, becomes a current
loss. At high frequency this loss becomes significant and
the power efficiency starts to decrease.
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com