Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ES3C
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES3C Datasheet(HTML) 1 Page - Vishay Siliconix

  ES3C Datasheet HTML 1Page - Vishay Siliconix ES3C Datasheet HTML 2Page - Vishay Siliconix ES3C Datasheet HTML 3Page - Vishay Siliconix ES3C Datasheet HTML 4Page - Vishay Siliconix ES3C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ES3A thru ES3D
www.vishay.com
Vishay General Semiconductor
Revision: 23-Mar-12
1
Document Number: 88479
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ideal for automated placement
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, and telecommunication.
MECHANICAL DATA
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
50 V to 200 V
IFSM
100 A
trr
20 ns
VF
0.90 V
TJ max.
150 °C
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES3A
ES3B
ES3C
ES3D
UNIT
Device marking code
EA
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TL = 100 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - ES3C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3C DIODES-ES3C Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
Fuji Electric
ES3C FUJI-ES3C Datasheet
723Kb / 1P
3 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES3C GE-ES3C Datasheet
68Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3C TSC-ES3C Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3C TSC-ES3C Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
More results

Similar Description - ES3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
Surface Mount Ultrafast Plastic Rectifier
20-Feb-15
U1B VISHAY-U1B_V01 Datasheet
93Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
MURS240 VISHAY-MURS240_V01 Datasheet
103Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
08-Apr-2020
MURS460 VISHAY-MURS460_V01 Datasheet
102Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
ES1A VISHAY-ES1A_V01 Datasheet
100Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
01-Apr-2020
ESH2B VISHAY-ESH2B_V01 Datasheet
107Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com