Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ES3C
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES3C Datasheet(HTML) 3 Page - Vishay Siliconix

  ES3C Datasheet HTML 1Page - Vishay Siliconix ES3C Datasheet HTML 2Page - Vishay Siliconix ES3C Datasheet HTML 3Page - Vishay Siliconix ES3C Datasheet HTML 4Page - Vishay Siliconix ES3C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES3A thru ES3D
www.vishay.com
Vishay General Semiconductor
Revision: 23-Mar-12
3
Document Number: 88479
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
100
T
J = 150 °C
T
J = 100 °C
T
J = 25 °C
T
J = 125 °C
0.1
0.3
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
0.1
1
10
100
1000
10 000
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
0
204060
80
100
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
0.1
20
10
30
40
50
0
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Cathode Band
DO-214AB (SMC)
0.126 (3.20)
0.114 (2.90)
0.246 (6.22)
0.220 (5.59)
0.280 (7.11)
0.260 (6.60)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.320 (8.13)
0.305 (7.75)
0.060 (1.52)
0.030 (0.76)
0.103 (2.62)
0.079 (2.06)
Mounting Pad Layout
0.126 (3.20) MIN.
0.060 (1.52) MIN.
0.185 (4.69) MAX.
0.320 (8.13) REF.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com