Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES3C
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES3C Datasheet(HTML) 2 Page - Vishay Siliconix

  ES3C Datasheet HTML 1Page - Vishay Siliconix ES3C Datasheet HTML 2Page - Vishay Siliconix ES3C Datasheet HTML 3Page - Vishay Siliconix ES3C Datasheet HTML 4Page - Vishay Siliconix ES3C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES3A thru ES3D
www.vishay.com
Vishay General Semiconductor
Revision: 23-Mar-12
2
Document Number: 88479
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB with 0.31" x 0.31" (8.0 mm x 8.0 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
ES3A
ES3B
ES3C
ES3D
UNIT
Maximum instantaneous
forward voltage
3.0 A
VF (1)
0.90
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
µA
TA = 100 °C
500
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
20
ns
Maximum reverse recovery time
IF = 3.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
trr
30
ns
TJ = 100 °C
50
Maximum stored charge
IF = 3.0 A, VR = 30 V,
dI/dt = 50 A/μs, Irr = 10 % IRM
TJ = 25 °C
Qrr
15
nC
TJ = 100 °C
35
Typical junction capacitance
4.0 V, 1 MHz
CJ
45
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES3A
ES3B
ES3C
ES3D
UNIT
Typical thermal resistance
RJA (1)
47
°C/W
RJL (1)
12
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES3D-M3/57T
0.211
57T
850
7" diameter plastic tape and reel
ES3D-M3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
0
3.0
80
90
100
110
120
130
140
150
Lead Temperature (°C)
2.0
1.0
Resistive or Inductive Load
P.C.B. Mounted on
0.31" x 0.31" (8.0 mm x 8.0 mm)
Copper Pad Areas
0
25
50
75
100
125
150
1
100
10
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
at T
L = 100 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com