Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1063CS
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1063CS Datasheet HTML 4Page - Linear Technology LTC1063CS Datasheet HTML 5Page - Linear Technology LTC1063CS Datasheet HTML 6Page - Linear Technology LTC1063CS Datasheet HTML 7Page - Linear Technology LTC1063CS Datasheet HTML 8Page - Linear Technology LTC1063CS Datasheet HTML 9Page - Linear Technology LTC1063CS Datasheet HTML 10Page - Linear Technology LTC1063CS Datasheet HTML 11Page - Linear Technology LTC1063CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1063
S
APPLICATI
I FOR ATIO
Aliasing
Aliasing is an inherent phenomenon of sampled data filters
and it primarily occurs when the frequency of an input
signal approaches the sampling frequency. For the
LTC1063, an input signal whose frequency is in the range
of fCLK ±6% will generate an alias signal into the filter’s
passband and stopband. Table 4 shows details.
Example:
LTC1063, fCLK = 20kHz, fC = 200kHz,
fIN = (19.6kHz, 100mVRMS)
fALIAS = (400Hz, 3.16mVRMS)
An input RC can be used to attenuate incoming signals
close to the filter clock frequency (Figure 10). A Butterworth
passband response will be maintained if the value of the
input resistor follows Table 1.
Table 4. Aliasing Data
INPUT FREQUENCY
OUTPUT FREQUENCY
0.9995fCLK
0.0005 fCLK
0dB
0.995 fCLK
0.005 fCLK
0dB
0.99
fCLK
0.01
fCLK
–3
dB
0.9875fCLK
0.0125 fCLK
– 10.2 dB
0.985 fCLK
0.015 fCLK
– 17.7 dB
0.9825fCLK
0.0175 fCLK
– 24.3 dB
0.98
fCLK
0.02
fCLK
–30
dB
0.975 fCLK
0.025 fCLK
–40
dB
0.97
fCLK
0.03
fCLK
–48
dB
0.965 fCLK
0.035 fCLK
– 54.5 dB
0.96
fCLK
0.04
fCLK
– 60.4 dB
0.955 fCLK
0.045 fCLK
– 65.5 dB
0.95
fCLK
0.05
fCLK
– 70.16 dB
0.94
fCLK
0.06
fCLK
– 78.25 dB
0.93
fCLK
0.07
fCLK
– 85.3 dB
0.9
fCLK
0.1
fCLK
– 100.3 dB
Figure 10. Adding an Input Anti-Aliasing RC
noise ratio at a given distortion level. The wideband noise
(
µVRMS) is nearly independent of the value of the clock
frequency and excludes the clock feedthrough. The
LTC1063’s typical wideband noise is 95
µVRMS. Figure 9
shows the same scope photo as Figure 8 but with a more
sensitive vertical scale: The clock feedthrough is imbed-
ded in the filter’s wideband noise. The peak-to-peak
wideband noise of the filter can be clearly seen; it is
approximately 500
µVP-P. Note that 500µVP-P equals the
95
µVRMS wideband noise of the part, multiplied by a crest
factor or 5.25.
OUTPUT AMPLITUDE
REFERENCED TO
INPUT SIGNAL
2
µs/DIV
1063 F08
fCLK = 100kHz, fC = 1kHz, VS = ±5V, 1MHz SCOPE BW
2
µs/DIV
1063 F09
fCLK = 100kHz, fC = 1kHz, VS = ±5V, 1MHz SCOPE BW
Figure 8. LTC1063 Output Clock Feedthrough + Noise
Figure 9. LTC1063 Output Clock Feedthrough + Noise
VIN
VOUT
1063 F10
C
V–
V+
R
0.1
µF
1
2
3
4
8
7
6
5
LTC1063
0.1
µF
fCLK
20
10
2
πRC
≤≤
1
fCLK
fCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com