Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1063CS
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1063CS Datasheet HTML 1Page - Linear Technology LTC1063CS Datasheet HTML 2Page - Linear Technology LTC1063CS Datasheet HTML 3Page - Linear Technology LTC1063CS Datasheet HTML 4Page - Linear Technology LTC1063CS Datasheet HTML 5Page - Linear Technology LTC1063CS Datasheet HTML 6Page - Linear Technology LTC1063CS Datasheet HTML 7Page - Linear Technology LTC1063CS Datasheet HTML 8Page - Linear Technology LTC1063CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1063
ELECTRICAL C
C
HARA TERISTICS
Output Offset vs Clock,
Medium Clock Rates
Self-Clocking Frequency vs R
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
The q denotes specifications which apply over the full operating
temperature range.
Note 1: The maximum clock frequency criterion is arbitrarily defined as:
The frequency at which the filter AC response exhibits
≥ 1dB of gain
peaking.
Note 2: At limited temperature ranges (i.e., TA ≤ 50°C) the minimum clock
frequency can be as low as 10Hz. The minimum clock frequency is
arbitrarily defined as: the clock frequency at which the output DC offset
changes by more than 1mV.
Note 3: The wideband noise specification does not include the clock
feedthrough.
Note 4: To properly evaluate the filter’s harmonic distortion an inverting
output buffer is recommended as shown in the Test Circuit. An output
buffer is not necessarily needed when measuring output DC offset or
wideband noise.
Note 5: The output DC offset is optimized for
±5V supply. The output DC
offset shifts when the power supplies change; however this phenomenon
is repeatable and predictable.
FREQUENCY (kHz)
110
100
90
80
70
60
50
40
30
20
10
1063 G01
100
300
500
LTC1063
R
C
4
5
C = 200pF
fOSC ≅ 1/RC
INPUT FREQUENCY (kHz)
1
10
100
1063 G04
B
C
VIN = 750mVRMS
TA = 25°C
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
A. fCLK = 0.5MHz
B. fCLK = 1MHz
C. fCLK = 2MHz
Gain vs Frequency; VS = ±2.5V
Gain vs Frequency; VS = ±5V
INPUT FREQUENCY (kHz)
1
10
100
1063 G05
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
B C
D
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
VIN = 1.5VRMS
TA = 25°C
Output Offset vs Clock,
Low Clock Rates
Gain vs Frequency; VS = ±7.5V
EXTERNAL CLOCK FREQUENCY (kHz)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1063 G03
500
1000
0
VS = ±7.5V
VS = ±5V
VS = ±2.5V
INPUT FREQUENCY (kHz)
1
10
100
1063 G06
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
200
A
BC
E
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
E. fCLK = 5MHz
VIN = 2.5VRMS
TA = 25°C
D
EXTERNAL CLOCK FREQUENCY (Hz)
50
45
40
35
30
25
20
15
10
5
0
1063 G02
10
110
210
A
B
A: TA = 25°C
B: TA = 85°C
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com