Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1063CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1063CS
Description  DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1063CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1063CS Datasheet HTML 4Page - Linear Technology LTC1063CS Datasheet HTML 5Page - Linear Technology LTC1063CS Datasheet HTML 6Page - Linear Technology LTC1063CS Datasheet HTML 7Page - Linear Technology LTC1063CS Datasheet HTML 8Page - Linear Technology LTC1063CS Datasheet HTML 9Page - Linear Technology LTC1063CS Datasheet HTML 10Page - Linear Technology LTC1063CS Datasheet HTML 11Page - Linear Technology LTC1063CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1063
S
APPLICATI
I FOR ATIO
Group Delay
The group delay of the LTC1063 closely approximates the
delay of an ideal 5-pole Butterworth lowpass filter (Figure
11, Curve A). To linearize the group delay of the LTC1063
(Figure 11, Curve B), use an input resistor about six times
higher than the maximum value of RIN, shown in Table 1.
The passband response of the group delay corrected filter
approximates a 5-pole Bessel response while its transi-
tion band rolls off like a Butterworth.
Figure 11. Group Delay
S
APPLICATI
TYPICAL
Single 5V Supply Operation (fC = 3.4kHz)
Adjusting VOS(OUT) for
±7.5 Supply Operation
Sharing Clock for Multichannel Applications
VIN*
–5V
R
5V
0.1
µF
VOUT
1063 TA05
* IF THE INPUT VOLTAGE CAN EXCEED V+,
CONNECT A SIGNAL DIODE BETWEEN PIN 1 AND V+.
1
2
3
4
8
7
6
5
LTC1063
C
1
2
3
4
8
7
6
5
LTC1063
–5V
5V
0.1
µF
0.1
µF
0.1
µF
VIN*
VOUT
VIN*
–5V
R
5V
0.1
µF
VOUT
1063 TA04
* IF THE INPUT VOLTAGE CAN EXCEED V+,
CONNECT A SIGNAL DIODE BETWEEN PIN 1 AND V+.
1
2
3
4
8
7
6
5
LTC1063
C
1
2
3
4
8
7
6
5
LTC1063
–5V
5V
0.1
µF
0.1
µF
0.1
µF
fC ≅ (1/RC)(1/100)
WIDEBAND NOISE = 140
µVRMS
ATTENUATION AT f = 2fC = 60dB
Cascading Two LTC1063s for Steeper Roll-Off
INPUT FREQUENCY (kHz)
0
100
90
80
70
60
50
40
30
20
8
1063 F10
2
4
6
10
(A) LTC1063
BUTTERWORTH
1
35
79
(B) GROUP
DELAY
CORRECTED
VIN
V–
–7.5V
V+
7.5V
0.1
µF
1
2
3
4
8
7
6
5
LTC1063
fCLK
0.1
µF
7.5V
1
µF
TANT
+
1063 TA07
VOUT
10k
≅2.5mV
LT1009
10k
*
* OPTIONAL, 1N4148
VIN
5V
13k
5V
0.1
µF
VOUT
1063 TA03
0.1
µF
200pF
1
2
3
4
8
7
6
5
LTC1063
4.53k
+
4.99k
1
µF
TANT
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com