Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1067CS Datasheet HTML 1Page - Linear Technology LTC1067CS Datasheet HTML 2Page - Linear Technology LTC1067CS Datasheet HTML 3Page - Linear Technology LTC1067CS Datasheet HTML 4Page - Linear Technology LTC1067CS Datasheet HTML 5Page - Linear Technology LTC1067CS Datasheet HTML 6Page - Linear Technology LTC1067CS Datasheet HTML 7Page - Linear Technology LTC1067CS Datasheet HTML 8Page - Linear Technology LTC1067CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1067/LTC1067-50
Rail-to-Rail, Very Low Noise
Universal Dual Filter Building Block
FEATURES
DESCRIPTION
The LTC
®1067/LTC1067-50 consist of two identical rail-
to-rail, high accuracy and very wide dynamic range 2nd
order switched-capacitor building blocks. Each building
block, together with three to five resistors, provides 2nd
order filter functions such as bandpass, highpass, lowpass,
notch and allpass. High precision 4th order filters are
easily designed.
The center frequency of each 2nd order section is tuned by
the external clock frequency. The internal clock-to-center
frequency ratio (100:1 for the LTC1067 and 50:1 for the
LTC1067-50) can be modified by the external resistors.
These devices have a double sampled architecture which
places aliasing and imaging components at twice the clock
frequency. The LTC1067-50 is a low power device con-
suming about one half the current of the LTC1067. The
LTC1067-50’s typical supply current is about 1mA from a
3.3V supply.
The LTC1067 and LTC1067-50 are available in 16-pin
narrow SSOP and SO packages.
Mask programmable versions of the LTC1067 and
LTC1067-50, with thin film resistors on-chip and custom
clock-to-cutoff frequency ratios, can be designed in an
SO-8 package to realize application specific monolithic
filters. Please contact LTC Marketing for more details.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Frequency Response
FREQUENCY (kHz)
8
12
1067 • TA02
9
10
11
0
–10
–20
–30
–40
0.1
µF
1067 TA01
LTC1067-50
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
3.3V
R32, 200k
R22, 10k
R31, 200k
R21, 10k
R11
200k
IN
RB1, 200k
OUT
1
µF
fCLK = 500kHz
TOTAL OUTPUT NOISE: 90
µVRMS
S/N RATIO: 80dB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
s
Rail-to-Rail Input and Output Operation
s
Operates from a Single 3V to
±5V Supply
s
Dual 2nd Order Filter in a 16-Lead SSOP Package
s
> 80dB Dynamic Range on Single 3.3V Supply
s
Clock-to-Center Frequency Ratio of 100:1 for the
LTC1067 and 50:1 for the LTC1067-50
s
Internal Sampling-to-Center Frequency Ratio of
200:1 for the LTC1067 and 100:1 for the LTC1067-50
s
Center Frequency Error <
±0.2% Typ
s
Low Noise: < 40
µVRMS, Q ≤ 5
s
Customizable with Internal Resistors
APPLICATIONS
s
Notch Filters
s
Narrowband Bandpass Filters
s
Tone Detection
s
Noise Reduction Systems
Single 3.3V Supply Rail-to-Rail,
4th Order, 10kHz Bandpass Filter


Similar Part No. - LTC1067CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC1067CS AD-LTC1067CS Datasheet
294Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results

Similar Description - LTC1067CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
Universal Dual Filter Building Block?
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
Universal Dual Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
LTC1067 LINER-LTC1067_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com