Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1067CS Datasheet HTML 1Page - Linear Technology LTC1067CS Datasheet HTML 2Page - Linear Technology LTC1067CS Datasheet HTML 3Page - Linear Technology LTC1067CS Datasheet HTML 4Page - Linear Technology LTC1067CS Datasheet HTML 5Page - Linear Technology LTC1067CS Datasheet HTML 6Page - Linear Technology LTC1067CS Datasheet HTML 7Page - Linear Technology LTC1067CS Datasheet HTML 8Page - Linear Technology LTC1067CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1067/LTC1067-50
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (kHz)
13
4
5
–75
–80
–85
–90
2
1067 G07
4TH ORDER BUTTERWORTH LPF
VS = SINGLE 5V, fCLK = 500kHz
VIN = 0.5VRMS, f–3dB = 5kHz, RL = 20k
MODE 1
MODE 3
LTC1067
Noise + THD vs Input Frequency
INPUT FREQUENCY (MHz)
13
10
1067 G08
24
5
6 78 9
–75
–80
–85
–90
MODE 1
MODE 3
4TH ORDER LOWPASS
BUTTERWORTH
VS = ±5V, VIN = 1VRMS
fCLK = 1MHz, f–3dB = 10kHz
RL = 20k
Q
0
220
200
180
160
140
120
100
80
60
40
20
0
40
1067 G09
10
20
30
50
5V
±5V
3V
LTC1067
Noise vs Q
LTC1067
Noise + THD vs Input Frequency
LTC1067
Output Voltage Swing vs Load
Resistance,
±5V Supply Voltage
LTC1067
Output Voltage Swing vs Load
Resistance, Single Supply Voltage
LOAD RESISTANCE (k
Ω TO GND)
10.0
9.8
9.6
9.4
9.2
9.0
8.8
8.6
8.4
8.2
8.0
1067 G10
10
0
2
4
6
8
12 14 16 18 20
VS = ±5V
LOAD RESISTANCE (k
Ω TO V–)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
1067 G11
10
0
2
4
6
8
12 14 16 18 20
VS = 5V
VS = 3.3V
LTC1067
Power Supply Current
vs Power Supply
TOTAL POWER SUPPLY (V)
3
4.5
4.0
3.5
3.0
2.5
2.0
1.5
0
68
1067 G12
45
79
10
70
°C
25
°C
–20
°C
LTC1067-50
Maximum Q vs Center Frequency
(Modes 2 Where R4 < 10R2, 3)
LTC1067-50
Maximum Q vs Center Frequency
(Modes 1, 1B, 2 Where R4
≥ 10R2)
CENTER FREQUENCY, fO (kHz)
0
40
1067 G13
10
20
30
50
40
30
20
10
0
VS = 3.3V
fCLK(MAX) = 800kHz
VS = 5V
fCLK(MAX) = 1.5MHz
VS = ±5V
fCLK(MAX) = 2MHz
VS = 3V
fCLK(MAX) = 600kHz
CENTER FREQUENCY, fO (kHz)
0
40
1067 G14
10
20
30
50
40
30
20
10
0
VS = 3.3V
fCLK(MAX) = 800kHz
VS = 5V
fCLK(MAX) = 1.5MHz
VS = ±5V
fCLK(MAX) = 2MHz
VS = 3V
fCLK(MAX) = 600kHz
LTC1067-50
Noise + THD vs Input Voltage
INPUT VOLTAGE (VRMS)
0.1
1
1067 G15
4TH ORDER BUTTERWORTH LPF
VS = SINGLE 3V, fIN = 1kHz
fCLK = 200kHz, f–3dB = 4kHz
–20
–30
–40
–50
–60
–70
–80
–90
–100
2
MODE 1
MODE 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com