Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1067CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1067CS
Description  Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1067CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1067CS Datasheet HTML 3Page - Linear Technology LTC1067CS Datasheet HTML 4Page - Linear Technology LTC1067CS Datasheet HTML 5Page - Linear Technology LTC1067CS Datasheet HTML 6Page - Linear Technology LTC1067CS Datasheet HTML 7Page - Linear Technology LTC1067CS Datasheet HTML 8Page - Linear Technology LTC1067CS Datasheet HTML 9Page - Linear Technology LTC1067CS Datasheet HTML 10Page - Linear Technology LTC1067CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1067/LTC1067-50
PIN FUNCTIONS
V+, V – (Pins 1, 3,14): The V + (Pins 1, 3) and the V – (Pin
14) should each be bypassed with a 0.1
µF capacitor to an
adequate analog ground. The filter’s power supplies should
be isolated from other digital or high voltage analog
supplies. A low noise linear supply is recommended.
Using a switching power supply will lower the signal-to-
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1067/LTC1067-50 Mode 1B
Noise Increase vs R5/R6 Ratio
LTC1067/LTC1067-50 Mode 3
Noise Increase vs R2/R4 Ratio
R2/R4 RATIO
0.2
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.5
0.7
1067 G26
0.3
0.4
0.6
0.8
0.9
1.0
noise ratio of the filter. The supply’s power-up slew rate
should be less than 1V/
µs.WhenV+isappliedbeforeV–, and
V – is allowed to go above ground, a diode should clamp V –
to prevent latch-up. Figures 1 and 2 show typical connec-
tions for dual and single supply operation.
0.1
µF
1067 F01
200
Ω
LTC1067
LTC1067-50
CLOCK
SOURCE
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
STAR
SYSTEM
GROUND
DIGITAL
GROUND
PLANE
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
V+
V –
0.1
µF
Figure 1. Dual Supply Ground Plane Connections
Figure 2. Single Supply Ground Plane Connections
0.1
µF
1067 F02
200
Ω
LTC1067
LTC1067-50
CLOCK
SOURCE
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
STAR
SYSTEM
GROUND
DIGITAL
GROUND
PLANE
V+
NC
V+
SA
LPA
BPA
HPA/NA
INV A
CLK
AGND
V–
SB
LPB
BPB
HPB/NB
INV B
V+
1
µF
FOR MODE 3, THE SA AND SB SUMMING NODE PINS
ARE TIED TO THE AGND PIN
R5/R6 RATIO
0
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
1.5
2.5
1067 G25
0.5
1.0
2.0
3.0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com