Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098AC Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1098AC
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098AC Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1098AC Datasheet HTML 7Page - Linear Technology LTC1098AC Datasheet HTML 8Page - Linear Technology LTC1098AC Datasheet HTML 9Page - Linear Technology LTC1098AC Datasheet HTML 10Page - Linear Technology LTC1098AC Datasheet HTML 11Page - Linear Technology LTC1098AC Datasheet HTML 12Page - Linear Technology LTC1098AC Datasheet HTML 13Page - Linear Technology LTC1098AC Datasheet HTML 14Page - Linear Technology LTC1098AC Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1096/LTC1096L
LTC1098/LTC1098L
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
LTC1096/98 • TC06
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
LTC1096/98 • TC05
Load Circuit for tdis and ten
TEST CIRCUITS
On and Off Channel Leakage Current
Load Circuit for tdDO, tr and tf
5V
A
A
IOFF
ION
POLARITY
OFF
CHANNEL
ON CHANNEL
LTC1096/98 • TC1
•
•
•
•
DOUT
1.4V
3k
Ω
100pF
TEST POINT
LTC1096/98 • TC02
Voltage Waveforms for DOUT Delay Time, tdDO
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
CLK
DOUT
VIL
tdDO
VOH
VOL
LTC1096/98 • TC03
DOUT
tr
tf
LTC1096/98 • TC04
VOH
VOL
Voltage Waveforms for tdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com