Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098AC Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1098AC
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098AC Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1098AC Datasheet HTML 11Page - Linear Technology LTC1098AC Datasheet HTML 12Page - Linear Technology LTC1098AC Datasheet HTML 13Page - Linear Technology LTC1098AC Datasheet HTML 14Page - Linear Technology LTC1098AC Datasheet HTML 15Page - Linear Technology LTC1098AC Datasheet HTML 16Page - Linear Technology LTC1098AC Datasheet HTML 17Page - Linear Technology LTC1098AC Datasheet HTML 18Page - Linear Technology LTC1098AC Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LTC1096/LTC1096L
LTC1098/LTC1098L
SGL/
DIFF
ODD/
SIGN
MSBF
START
MUX
ADDRESS
MSB-FIRST/
LSB-FIRST
LTC1096/8 • AI02
Start Bit
The first “logical one” clocked into the DIN input after CS
goes low is the start bit. The start bit initiates the data
transfer. The LTC1098(L) will ignore all leading zeros
which precede this logical one. After the start bit is
received, the remaining bits of the input word will be
clocked in. Further inputs on the DIN pin are then ignored
until the next CS cycle.
Multiplexer (MUX) Address
The bits of the input word following the START bit assign
the MUX configuration for the requested conversion. For
a given channel selection, the converter will measure the
voltage between the two channels indicated by the “+” and
“–” signs in the selected row of the followintg tables. In
single-ended mode, all input channels are measured with
respect to GND.
MSB-First/LSB-First (MSBF)
The output data of the LTC1098(L) is programmed for
MSB-first or LSB-first sequence using the MSBF bit.
When the MSBF bit is a logical one, data will appear on
the DOUT line in MSB-first format. Logical zeros will be
filled in indefinitely following the last data bit. When the
MSBF bit is a logical zero, LSB-first data will follow the
normal MSB-first data on the DOUT line. (see Operating
Sequence)
Unipolar Transfer Curve
The LTC1096(L)/LTC1098(L) are permanently config-
ured for unipolar only. The input span and code assign-
ment for this conversion type are shown in the follow-
ing figures for a 5V reference.
Unipolar Transfer Curve
VIN
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
•
•
•
LTC1096/8 • AI04
the A/D conversion result is output on the DOUT line.
Bringing CS high resets the LTC1096(L) for the next data
exchange.
Input Data Word
The LTC1096(L) requires no DIN word. It is permanently
configured to have a single differential input. The conver-
sion result, in which output on the DOUT line is MSB-first
sequence, followed by LSB sequence providing easy inter-
face to MSB- or LSB-first serial ports.
The LTC1098(L) clocks data into the DIN input on the rising
edge of the clock. The input data words are defined as
follows:
S
APPLICATI
I FOR ATIO
LTC1098(L) Channel Selection
MUX ADDRESS
SGL/DIFF
1
1
0
0
ODD/SIGN
0
1
0
1
CHANNEL #
0
+
+
–
1
+
–
+
GND
–
–
SINGLE-ENDED MUX MODE
DIFFERENTIAL MUX MODE
LTC1096/8 • AI03
Operation with DIN and DOUT Tied Together
The LTC1098(L) can be operated with DIN and DOUT tied
together. This eliminates one of the lines required to
communicate to the microprocessor (MPU). Data is trans-
mitted in both directions on a single wire. The processor
pin connected to this data line should be configurable as
either an input or an output. The LTC1098(L) will take
control of the data line and drive it low on the 4th falling
Unipolar Output Code
OUTPUT CODE
1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5.000V)
4.9805V
4.9609V
•
•
•
0.0195V
0V
LTC1096/8 • AI05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com