Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098AC Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1098AC
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098AC Datasheet(HTML) 3 Page - Linear Technology

  LTC1098AC Datasheet HTML 1Page - Linear Technology LTC1098AC Datasheet HTML 2Page - Linear Technology LTC1098AC Datasheet HTML 3Page - Linear Technology LTC1098AC Datasheet HTML 4Page - Linear Technology LTC1098AC Datasheet HTML 5Page - Linear Technology LTC1098AC Datasheet HTML 6Page - Linear Technology LTC1098AC Datasheet HTML 7Page - Linear Technology LTC1098AC Datasheet HTML 8Page - Linear Technology LTC1098AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1096/LTC1096L
LTC1098/LTC1098L
RECO
E DED OPERATI G CO DITIO S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.65
4.0
V
fCLK
Clock Frequency
VCC = 2.65V
25
250
kHz
tCYC
Total Cycle Time
LTC1096L, fCLK = 250kHz
58
µs
LTC1098L, fCLK = 250kHz
58
µs
thDI
Hold Time, DIN After CLK
↑
VCC = 2.65V
450
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
VCC = 2.65V, LTC1096L
1
µs
VCC = 2.65V, LTC1098L
1
µs
tWAKEUP
Wake-Up Time CS
↓ Before First CLK↓ After First CLK↑
VCC = 2.65V, LTC1096L
10
µs
(See Figure 1, LTC1096L Operating Sequence)
Wake-Up Time CS
↓ Before MSBF Bit CLK↓
VCC = 2.65V, LTC1098L
10
µs
(See Figure 2, LTC1098L Operating Sequence)
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 2.65V
1
µs
tWHCLK
CLK High Time
VCC = 2.65V
1.6
µs
tWLCLK
CLK Low Time
VCC = 2.65V
1.6
µs
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 2.65V
2
µs
tWLCS
CS Low Time During Data Transfer
LTC1096L, fCLK = 250kHz
56
µs
LTC1098L, fCLK = 250kHz
56
µs
LTC1096/LTC1098
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tWLCLK
CLK Low Time
VCC = 5V
0.8
µs
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 5V
1
µs
tWLCS
CS Low Time During Data Transfer
LTC1096, fCLK = 500kHz
28
µs
LTC1098, fCLK = 500kHz
28
µs
VCC = 3V Operation
fCLK
Clock Frequency
VCC = 3V
25
250
kHz
tCYC
Total Cycle Time
LTC1096, fCLK = 250kHz
58
µs
LTC1098, fCLK = 250kHz
58
µs
thDI
Hold Time, DIN After CLK
↑
VCC = 3V
450
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
VCC = 3V, LTC1096
1
µs
VCC = 3V, LTC1098
1
µs
tWAKEUP
Wake-Up Time CS
↓ Before First CLK↓ After First CLK↑
VCC = 3V, LTC1096
10
µs
(See Figure 1 LTC1096 Operating Sequence)
Wake-Up Time CS
↓ Before MSBF Bit CLK↓
VCC = 3V, LTC1098
10
µs
(See Figure 2 LTC1098 Operating Sequence)
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 3V
1
µs
tWHCLK
CLK High Time
VCC = 3V
1.6
µs
tWLCLK
CLK Low Time
VCC = 3V
1.6
µs
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 3V
2
µs
tWLCS
CS Low Time During Data Transfer
LTC1096, fCLK = 250kHz
56
µs
LTC1098, fCLK = 250kHz
56
µs
LTC1096L/LTC1098L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com