Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1096AI Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1096AI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096AI Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1096AI Datasheet HTML 9Page - Linear Technology LTC1096AI Datasheet HTML 10Page - Linear Technology LTC1096AI Datasheet HTML 11Page - Linear Technology LTC1096AI Datasheet HTML 12Page - Linear Technology LTC1096AI Datasheet HTML 13Page - Linear Technology LTC1096AI Datasheet HTML 14Page - Linear Technology LTC1096AI Datasheet HTML 15Page - Linear Technology LTC1096AI Datasheet HTML 16Page - Linear Technology LTC1096AI Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LTC1096/LTC1096L
LTC1098/LTC1098L
CLK
tCYC
CS
B7*
B6
B5
B4
B3
B2
B1
B0
B1
B2
B3
B4
B5
B6
B7
NULL
BIT
Hi-Z
DOUT
LTC1096/98 F01
POWER
DOWN
Hi-Z
tsuCS
tWAKEUP
tCONV
CLK
CS
tCYC
POWER
DOWN
tWAKEUP
B0
B1
B2
B3
B4
B5
B6
B7
Hi-Z
DOUT
tCONV
HI-Z
tsuCS
NULL
BIT
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY.
(MSB)
(MSB)
Figure 1. LTC1096(L) Operating Sequence
S
APPLICATI
I FOR ATIO
Power Down and Wake-Up Time
The LTC1096(L)/LTC1098(L) draw power when the CS pin
is low and shut themselves down when that pin is high. In
order to have a correct conversion result, a 10
µs wake-up
time must be provided from CS falling to the first falling
clock (CLK) after the first rising CLK for the LTC1096(L)
and from CS falling to the MSBF bit CLK falling for the
LTC1098(L) (see Operating Sequence). If the LTC1096(L)/
LTC1098(L) are running with clock frequency less than or
equal to 100kHz, the wake-up time is inherently provided.
Example
Two cases are shown at right to illustrate the relationship
among wake-up time, setup time and CLK frequency for
the LT1096(L).
In Case 1 the clock frequency is 100kHz. One clock cycle
is 10
µs which can be the wake-up time, while half of that
can be the setup time. In Case 2 the clock frequency is
50kHz, half of the clock cycle plus the setup time (=1
µs)
can be the wake-up time. If the CLK frequency is higher
Case 1. Timing Diagram
Case 2. Timing Diagram
CS
LTC1096/98 • AI Ex.
CLK
NULL BIT
B7
tWAKEUP
10µs
tsu
tsu
tWAKEUP
DOUT
CS
CLK
DOUT
than 100kHz, Figure 1 shows the relationship between the
wake-up time and setup time.
The wake-up time is inherently provided for the LTC1098(L)
with setup time = 1
µs (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com