Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1096AI Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1096AI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096AI Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1096AI Datasheet HTML 20Page - Linear Technology LTC1096AI Datasheet HTML 21Page - Linear Technology LTC1096AI Datasheet HTML 22Page - Linear Technology LTC1096AI Datasheet HTML 23Page - Linear Technology LTC1096AI Datasheet HTML 24Page - Linear Technology LTC1096AI Datasheet HTML 25Page - Linear Technology LTC1096AI Datasheet HTML 26Page - Linear Technology LTC1096AI Datasheet HTML 27Page - Linear Technology LTC1096AI Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1096/LTC1096L
LTC1098/LTC1098L
S
APPLICATI
TYPICAL
Interfacing to the Parallel Port of the
Intel 8051 Family
The Intel 8051 has been chosen to demonstrate the
interface between the LTC1098(L) and parallel port micro-
processors. Normally the CS, CLK and DIN signals would
be generated on three port lines and the DOUT signal read
on a fourth port line. This works very well. However, we
will demonstrate here an interface with the DIN and DOUT
of the LTC1098(L) tied together as described in the
SERIAL INTERFACE section. This saves one wire.
The 8051 first sends the start bit and MUX address to the
LTC1098(L) over the data line connected to P1.2. Then
P1.2 is reconfigured as an input (by writing to it a one) and
the 8051 reads back the 8-bit A/D result over the same
data line.
CS
CLK
DOUT
DIN
LTC1098(L)
ANALOG
INPUTS
P1.4
P1.3
P1.2
8051
MUX ADDRESS
A/D RESULT
LTC1096/8 • TA06
1
CS
CLK
DATA (DIN/DOUT)
START
ODD/
SIGN
MSBF
B7
MSBF BIT LATCHED
BY LTC1098(L)
LTC1098(L) SENDS A/D RESULT
BACK TO 8051 P1.2
8051 P1.2 OUTPUTS DATA
TO LTC1098(L)
8051 P1.2 RECONFIGURED
AS AN INPUT AFTER THE 4TH RISING
CLK AND BEFORE THE 4TH FALLING CLK
LTC1098(L) TAKES CONTROL OF DATA LINE
ON 4TH FALLING CLK
23
4
SGL/
DIFF
B6
B5
B4
B3
B2
B1
B0
LTC1096/8 • TA08
LABEL
MNEMONIC
OPERAND
COMMENTS
MOV
A, #FFH
DIN word for LTC1098(L)
SETB
P1.4
Make sure CS is high
CLR
P1.4
CS goes low
MOV
R4, #04
Load counter
LOOP 1
RLC
A
Rotate DIN bit into Carry
CLR
P1.3
CLK goes low
MOV
P1.2, C
Output DIN bit to LTC1098(L)
SETB
P1.3
CLK goes high
DJNZ
R4, LOOP 1
Next bit
MOV
P1, #04
Bit 2 becomes an input
CLR
P1.3
CLK goes low
MOV
R4, #09
Load counter
LOOP
MOV
C, P1.2
Read data bit into Carry
RLC
A
Rotate data bit into Acc.
SETB
P1.3
CLK goes high
CLR
P1.3
CLK goes low
DJNZ
R4, LOOP
Next bit
MOV
R2, A
Store MSBs in R2
SETB
P1.4
CS goes high
DOUT from LTC1098(L) Stored in 8051 RAM
R2
LTC1096/8 • TA07
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com