Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1096AI Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1096AI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096AI Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1096AI Datasheet HTML 10Page - Linear Technology LTC1096AI Datasheet HTML 11Page - Linear Technology LTC1096AI Datasheet HTML 12Page - Linear Technology LTC1096AI Datasheet HTML 13Page - Linear Technology LTC1096AI Datasheet HTML 14Page - Linear Technology LTC1096AI Datasheet HTML 15Page - Linear Technology LTC1096AI Datasheet HTML 16Page - Linear Technology LTC1096AI Datasheet HTML 17Page - Linear Technology LTC1096AI Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC1096/LTC1096L
LTC1098/LTC1098L
Data Transfer
The CLK synchronizes the data transfer with each bit being
transmitted on the falling CLK edge and captured on the
rising CLK edge in both transmitting and receiving sys-
tems. The LTC1098(L) first receives input data and then
transmits back the A/D conversion result (half duplex).
Because of the half duplex operation, DIN and DOUT may be
tied together allowing transmission over just three wires:
CS, CLK and DATA (DIN/DOUT).
Data transfer is initiated by a falling chip select (CS) signal.
After CS falls the LTC1098(L) looks for a start bit. After the
start bit is received, the 3-bit input word is shifted into the
DIN input which configures the LTC1098(L) and starts the
conversion. After one null bit, the result of the conversion
S
APPLICATI
I FOR ATIO
CLK
CS
tCYC
POWER
DOWN
tsuCS
tWAKEUP
DIN
SGL/
DIFF
MSBF
B0*
B1
B2
B3
B4
B5
B6
B7
NULL
BIT
Hi-Z
DOUT
tCONV
tSMPL
HI-Z
START
ODD/
SIGN
DON'T CARE
MSB-FIRST DATA (MSBF = 0)
MSB-FIRST DATA (MSBF = 1)
LTC1096/98 F02
CLK
CS
tCYC
POWER
DOWN
tsuCS
tWAKEUP
DIN
SGL/
DIFF
MSBF
B0
B1
B2
B3
B4
B5
B6
B7
NULL
BIT
Hi-Z
DOUT
tCONV
tSMPL
HI-Z
START
ODD/
SIGN
DON'T CARE
B7*
B6
B5
B4
B3
B2
B1
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY.
(MSB)
(MSB)
Figure 2. LTC1098(L) Operating Sequence Example: Differential Inputs (CH +, CH–)
DIN 1
DIN 2
DOUT 1
DOUT 2
CS
SHIFT MUX
ADDRESS IN
1 NULL BIT
SHIFT A/D CONVERSION
RESULT OUT
LTC1096/98 • AI01
is output on the DOUT line. At the end of the data exchange
CS should be brought high. This resets the LTC1098(L) in
preparation for the next data exchange.
The LTC1096(L) does not require a configuration input
word and has no DIN pin. A falling CS initiates data transfer
as shown in the LTC1096(L) operating sequence. After CS
falls, the first CLK pulse enables DOUT. After one null bit,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com