Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098AI Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1098AI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098AI Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1098AI Datasheet HTML 14Page - Linear Technology LTC1098AI Datasheet HTML 15Page - Linear Technology LTC1098AI Datasheet HTML 16Page - Linear Technology LTC1098AI Datasheet HTML 17Page - Linear Technology LTC1098AI Datasheet HTML 18Page - Linear Technology LTC1098AI Datasheet HTML 19Page - Linear Technology LTC1098AI Datasheet HTML 20Page - Linear Technology LTC1098AI Datasheet HTML 21Page - Linear Technology LTC1098AI Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC1096/LTC1096L
LTC1098/LTC1098L
Figure 7. LTC1098(L) “+” and “–” Input Settling Windows
CLK
DIN
DOUT
"+" INPUT
"–" INPUT
SAMPLE
HOLD
"+" INPUT MUST
SETTLE DURING
THIS TIME
tSMPL
tCONV
CS
SGL/DIFF
START
MSBF
DON'T CARE
1ST BIT TEST "–" INPUT MUST
SETTLE DURING THIS TIME
B7
LTC1096/8 • F07
S
APPLICATI
I FOR ATIO
(Figure 6) and connect the center point to the MPU input.
It should be noted that to get full shutdown, the CS input
of the LTC1096/LTC1098 must be driven to the VCC
voltage. This would require adding a level shift circuit to
the CS signal in Figure 6.
+IN
–IN
GND
VCC
CLK
DOUT
VREF
50k
50k
6V
4.7
µF
MPU
(e.g. 8051)
5V
P1.4
P1.3
P1.2
LTC1096/98 • F06
DIFFERENTIAL INPUTS
COMMON MODE RANGE
0V TO 6V
9V
LTC1096
9V
OPTIONAL
LEVEL SHIFT
CS
Figure 6. Interfacing a 9V Powered LTC1096 to a 5V System
BOARD LAYOUT CONSIDERATIONS
Grounding and Bypassing
The LTC1096(L)/LTC1098(L) should be used with an ana-
log ground plane and single point grounding techniques.
The GND pin should be tied directly to the ground plane.
The VCC pin should be bypassed to the ground plane with
a 1
µF tantalum with leads as short as possible. If power
supply is clean, the LTC1096(L)/LTC1098(L) can also
operate with smaller 0.1
µF surface mount or ceramic
bypass capacitors. All analog inputs should be referenced
directly to the single point ground. Digital inputs and
outputs should be shielded from and/or routed away from
the reference and analog circuitry.
SAMPLE-AND-HOLD
Both the LTC1096(L) and the LTC1098(L) provide a built-
in sample-and-hold (S&H) function to acquire signals.
The S&H of the LTC1096(L) acquires input signals from
“+” input relative to “–” input during the tWAKEUP time (see
Figure 1). However, the S&H of the LTC1098(L) can
sample input signals in the single-ended mode or in the
differential inputs during the tSMPL time (see Figure 7).
Single-Ended Inputs
The sample-and-hold of the LTC1098(L) allows conver-
sion of rapidly varying signals. The input voltage is sampled
during the tSMPL time as shown in Figure 7. The sampling
interval begins as the bit preceding the MSBF bit is shifted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com