Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098AI Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1098AI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098AI Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1098AI Datasheet HTML 20Page - Linear Technology LTC1098AI Datasheet HTML 21Page - Linear Technology LTC1098AI Datasheet HTML 22Page - Linear Technology LTC1098AI Datasheet HTML 23Page - Linear Technology LTC1098AI Datasheet HTML 24Page - Linear Technology LTC1098AI Datasheet HTML 25Page - Linear Technology LTC1098AI Datasheet HTML 26Page - Linear Technology LTC1098AI Datasheet HTML 27Page - Linear Technology LTC1098AI Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1096/LTC1096L
LTC1098/LTC1098L
S
APPLICATI
TYPICAL
A “Quick Look” Circuit for the LTC1096
Users can get a quick look at the function and timing of the
LT1096 by using the following simple circuit (Figure 13).
VREF is tied to VCC. VIN is applied to the +IN input and the
– IN input is tied to the ground. CS is driven at 1/16 the
clock rate by the 74C161 and DOUT outputs the data. The
output data from the DOUT pin can be viewed on an
oscilloscope that is set up to trigger on the falling edge of
CS (Figure 14). Note the LSB data is partially clocked out
before CS goes high.
CLR
CLK
A
B
C
D
P
GND
VCC
RC
QA
QB
QC
QD
T
LOAD
74C161
VIN
TO OSCILLOSCOPE
CLOCK IN 150kHz MAX
LTC1096/8 • F13
VCC
CLK
DOUT
VREF
LTC1096
CS
CH0
CH1
GND
4.7
µF
5V
5V
+
MSB
(B7)
NULL
BIT
LSB
(B0)
LSB DATA
(B1)
CS
CLK
D
OUT
VERTICAL: 5V/DIV
HORIZONTAL: 10
µs/DIV
LTC1096
+IN
–IN
VREF
CS
CLK
DOUT
VCC
GND
TO
µP
63.4k
0.01
µF
182k
0.01
µF
LT1004-1.2
0.1
µF
3V
75k
678
Ω
13.5k
LM134
LTC1096/8 • F15
Figure 15. The LTC1096’s High Impedance Input Connects
Directly to This Temperature Sensor, Eliminating Signal
Conditioning Circuitry in This 0
°C to 70°C Thermometer
Figure 14. Scope Trace the LTC1096 “Quick Look” Circuit
Showing A/D Output 10101010 (AAHEX)
Figure 13. “Quick Look” Circuit for the LTC1096
Figure 15 shows a temperature measurement system.
The LTC1096 is connected directly to the low cost silicon
temperature sensor. The voltage applied to the VREF pin
adjusts the full scale of the A/D to the output range of the
sensor. The zero point of the converter is matched to the
zero output voltage of the sensor by the voltage on the
LTC1096’s negative input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com