Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1098AI Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1098AI
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098AI Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1098AI Datasheet HTML 16Page - Linear Technology LTC1098AI Datasheet HTML 17Page - Linear Technology LTC1098AI Datasheet HTML 18Page - Linear Technology LTC1098AI Datasheet HTML 19Page - Linear Technology LTC1098AI Datasheet HTML 20Page - Linear Technology LTC1098AI Datasheet HTML 21Page - Linear Technology LTC1098AI Datasheet HTML 22Page - Linear Technology LTC1098AI Datasheet HTML 23Page - Linear Technology LTC1098AI Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1096/LTC1096L
LTC1098/LTC1098L
S
APPLICATI
I FOR ATIO
tive current spike will be generated on the reference pin by
the ADC. These current spikes settle quickly and do not
cause a problem.
Using a slower CLK will allow more time for the reference
to settle. Even at the maximum CLK rate of 500kHz most
references and op amps can be made to settle within the
2
µs bit time.
cycle. Large external source resistors and capacitances
will slow the settling of the inputs. It is important that the
overall RC time constants be short enough to allow the
analog inputs to completely settle within the allowed time.
RC Input Filtering
It is possible to filter the inputs with an RC network as
shown in Figure 9. For large values of CF (e.g., 1µF), the
capacitive input switching currents are averaged into a net
DC current. Therefore, a filter should be chosen with a
small resistor and large capacitor to prevent DC drops
across the resistor. The magnitude of the DC current is
approximately IDC = 25pF(VIN/tCYC) and is roughly pro-
portional to VIN. When running at the minimum cycle time
of 29
µs, the input current equals 4.3µA at VIN = 5V. In this
case, a filter resistor of 390
Ω will cause 0.1LSB of full-
scale error. If a larger filter resistor must be used, errors
can be eliminated by increasing the cycle time.
RFILTER
VIN
CFILTER
LTC1096/8 • F9
LTC1098
“+”
“–”
IDC
Figure 9. RC Input Filtering
Input Leakage Current
Input leakage currents can also create errors if the source
resistance gets too large. For instance, the maximum
input leakage specification of 1
µA (at 125°C) flowing
through a source resistance of 3.9k will cause a voltage
drop of 3.9mV or 0.2LSB. This error will be much reduced
at lower temperatures because leakage drops rapidly (see
typical curve of Input Channel Leakage Current vs Tem-
perature).
REFERENCE INPUTS
The voltage on the reference input of the LTC1096 defines
the voltage span of the A/D converter. The reference input
transient capacitive switching currents due to the switched-
capacitor conversion technique (see Figure 10). During
each bit test of the conversion (every CLK cycle), a capaci-
Figure 10. Reference Input Equivalent Circuit
RON
5pF TO 30pF
LTC1096
REF+
ROUT
VREF
EVERY CLK CYCLE
5
4
GND
LTC1096/8 • F10
Reduced Reference Operation
The minimum reference voltage of the LTC1098 is limited
to 3V because the VCC supply and reference are internally
tied together. However, the LTC1096 can operate with
reference voltages below 1V.
The effective resolution of the LTC1096 can be increased
by reducing the input span of the converter. The LTC1096
exhibits good linearity and gain over a wide range of
reference voltages (see typical curves of Linearity and Full
Scale Error vs Reference Voltage). However, care must be
taken when operating at low values of VREF because of the
reduced LSB step size and the resulting higher accuracy
requirement placed on the converter. The following fac-
tors must be considered when operating at low VREF
values.
1. Offset
2. Noise
3. Conversion speed (CLK frequency)
Offset with Reduced VREF
The offset of the LTC1096 has a larger effect on the output
code when the ADC is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB
is reduced. The typical curve of Unadjusted Offset Error vs
Reference Voltage shows how offset in LSBs is related to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com