Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1163CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1163CS8
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1163CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1163CS8 Datasheet HTML 1Page - Linear Technology LTC1163CS8 Datasheet HTML 2Page - Linear Technology LTC1163CS8 Datasheet HTML 3Page - Linear Technology LTC1163CS8 Datasheet HTML 4Page - Linear Technology LTC1163CS8 Datasheet HTML 5Page - Linear Technology LTC1163CS8 Datasheet HTML 6Page - Linear Technology LTC1163CS8 Datasheet HTML 7Page - Linear Technology LTC1163CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1163/LTC1165
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1993
S
APPLICATI
TYPICAL
S8 Package
8-Lead
Plastic SOIC
PACKAGE DESCRIPTIO
3-Cell to 3.3V Ultra-Low Drop Regulator with 2 Ramped Switches
+
+ 3-CELL
BATTERY
PACK
10
µF
LTC1163/65 • TA08
MTD3055EL
10k
MTD3055EL
MTD3055EL
680
Ω
1
3.3V
OUTPUT
6
3
8
5
100k
+
3.3V
LOAD
3.3V
LOAD
LT1431
CONTROL
LOGIC
OR
µP
0.1
µF
100k
3.3k
510pF
220
µF
6.3V
1k
1k
0.1
µF
VS
LTC1163
LTC1165
OUT1
OUT2
OUT3
GND
IN1
IN2
IN3
5V
LOGIC
OR
µP
5V
LOAD
3.3V
LOAD
12V
LOAD
+
10
µF
LTC1163/65 • TA07
5V
VS
LTC1163
LTC1165
OUT1
OUT2
OUT3
GND
IN1
IN2
IN3
3.3V
+
10
µF
+
10
µF
12V
IRFR024
Si9956DY
Mixed Voltage High- and Low-Side Switches
N8 Package
8-Lead
Plastic DIP
LT/GP 1093 10K REV 0 • PRINTED IN USA
Dimensions in inches (millimeters) unless otherwise noted.
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com