Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1163CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1163CS8
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1163CS8 Datasheet(HTML) 7 Page - Linear Technology

  LTC1163CS8 Datasheet HTML 1Page - Linear Technology LTC1163CS8 Datasheet HTML 2Page - Linear Technology LTC1163CS8 Datasheet HTML 3Page - Linear Technology LTC1163CS8 Datasheet HTML 4Page - Linear Technology LTC1163CS8 Datasheet HTML 5Page - Linear Technology LTC1163CS8 Datasheet HTML 6Page - Linear Technology LTC1163CS8 Datasheet HTML 7Page - Linear Technology LTC1163CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1163/LTC1165
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIO S
2-Cell to 3.3V, 5V and 12V High-Side Switch/Converter
with 0.01
µA Standby Current
VS
LTC1163
LTC1165
OUT1
OUT2
OUT3
GND
IN1
IN2
IN3
CONTROL
LOGIC
OR
µP
RFD14N05LSM
+
2-CELL
BATTERY
PACK
LTC1163/65 • TA04
LT1109CS8-12
3
1
78
22
µH
MBRS120T3
12V
10
µF
20V
4
+
LT1109CS8-5
3
1
78
22
µH
MBRS120T3
5V
22
µF
16V
4
+
RFD14N05LSM
LT1173CS8
2
1
8
100
µH
MBRS120T3
3.3V
220
µF
6.3V
4
+
RFD14N05LSM
47
Ω
3
5
24k
39k
100
µF
6.3V
+
3.3V
LOGIC
OR
µP
3.3V
LOAD
3.3V
LOAD
3.3V
LOAD
+
(11V)
10
µF
LTC1163/65 • TA06
MTD
3055EL
3.3V
MTD
3055EL
MTD
3055EL
(11V)
(11V)
VS
LTC1163
LTC1165
OUT1
OUT2
OUT3
GND
IN1
IN2
IN3
Ultra-Low Drop Triple 3.3V High-Side Switch
PCMCIA Card Socket VPP Switch/Reglator
VS
LTC1163
OUT1
OUT2
OUT3
GND
IN1
IN2
IN3
1/4 74HC02
1/4 74HC02
1/4 74HC02
1N4148
1N4148
1M
VCC = 3.3V
OR 5V
EN0
EN1
+
100
µF
6.3V
MMDF3N02HD
13
7,8
2
4
5,6
33
µH
3
1
7
4
8
LT1109ACS8-12
+
47
µF
16V
MURS120T3
2N7002
VPP = 0V, 3.3V,
5V, 12V, OR HI-Z
LTC1163/65 • TA05
EN0
0
1
0
1
EN1
0
0
1
1
OUTPUT
0V
12V
VCC
HI-Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com