Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1163CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1163CS8
Description  Triple 1.8V to 6V High-Side MOSFET Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1163CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1163CS8 Datasheet HTML 1Page - Linear Technology LTC1163CS8 Datasheet HTML 2Page - Linear Technology LTC1163CS8 Datasheet HTML 3Page - Linear Technology LTC1163CS8 Datasheet HTML 4Page - Linear Technology LTC1163CS8 Datasheet HTML 5Page - Linear Technology LTC1163CS8 Datasheet HTML 6Page - Linear Technology LTC1163CS8 Datasheet HTML 7Page - Linear Technology LTC1163CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1163/LTC1165
Triple 1.8V to 6V High-Side
MOSFET Drivers
S
FEATURE
s
Operates from 1.8V to 6V
s
0.01
µA Standby Current
s
95
µA Operating Current per Channel at 3.3V
s
Fully Enhances N-Channel Switches
s
No External Charge Pump Components
s
Built-In Gate Voltage Clamps
s
Easily Protected Against Supply Transients
s
Controlled Switching ON and OFF Times
s
Compatible with 5V, 3V and Sub-3V Logic Families
s
Available in 8-Pin SOIC
DESCRIPTIO
The LTC1163/LTC1165 triple low voltage MOSFET drivers
make it possible to switch supply or ground referenced
loads through inexpensive, low RDS(ON) N-channelswitches
from as little as a 1.8V supply. The LTC1165 has inverting
inputs and makes it possible to directly replace P-channel
MOSFET switches while maintaining system drive polar-
ity. The LTC1163 has noninverting inputs.
Micropower operation, with 0.01
µA standby current and
95
µA operating current, coupled with a power supply
range of 1.8V to 6V, make the LTC1163/LTC1165 ideally
suited for 2- to 4-cell battery-powered applications. The
LTC1163/LTC1165 are also well suited for sub-3V, 3.3V
and 5V nominal supply applications.
The LTC1163/LTC1165 internal charge pumps boost the
gate voltage 8V above a 3.3V rail, fully enhancing inexpen-
sive N-channels for high- or low-side switch applications.
The LTC1163/LTC1165 are available in both an 8-pin DIP
and an 8-pin SOIC.
SUPPLY VOLTAGE (V)
0
0
2
6
8
10
4
18
LTC1163/65 • TA02
4
26
12
14
16
3
15
VS
IN1
IN2
IN3
LTC1163
LTC1165
OUT1
OUT2
OUT3
GND
CONTROL
LOGIC
OR
µP
2-CELL
LOAD
2-CELL
LOAD
2-CELL
LOAD
+
+ 2-CELL
BATTERY
PACK
10
µF
LTC1163/65 • TA01
LTC1163 HAS NONINVERTING INPUTS
LTC1165 HAS INVERTING INPUTS
(1.8V TO 3V)
RFD14N05LSM
RFD14N05LSM
RFD14N05LSM
MOSFET Switch Gate Voltage
2-Cell Triple High-Side Switch
S
APPLICATI
s
PCMCIA Card 3.3V/5V Switch
s
2-Cell High-Side Load Switching
s
Boost Regulator Shutdown to Zero Standby Current
s
Replacing P-Channel Switches
s
Notebook Computer Power Management
s
Palmtop Computer Power Management
s
Portable Medical Equipment
s
Mixed 3.3V and 5V Supply Switching
APPLICATI
TYPICAL


Similar Part No. - LTC1163CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1163 LINER-LTC1163 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
LTC1163 LINER-LTC1163 Datasheet
214Kb / 8P
Triple 1.8V to 6V High-Side MOSFET Drivers
LTC1163 LINER-LTC1163_15 Datasheet
214Kb / 8P
Triple 1.8V to 6V High-Side MOSFET Drivers
More results

Similar Description - LTC1163CS8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380 Datasheet
197Kb / 12P
TRIPLE HIGH-SIDE MOSFET DRIVER
Apr-1998
logo
Maxim Integrated Produc...
MAX620 MAXIM-MAX620 Datasheet
392Kb / 12P
Quad, High-Side MOSFET Drivers
Rev 2; 10/94
logo
STMicroelectronics
L9380 STMICROELECTRONICS-L9380_08 Datasheet
255Kb / 18P
Triple high-side MOSFET driver
05-Mar-2008
logo
Intersil Corporation
ISL58315 INTERSIL-ISL58315 Datasheet
89Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
logo
Linear Technology
LTC1163 LINER-LTC1163_15 Datasheet
214Kb / 8P
Triple 1.8V to 6V High-Side MOSFET Drivers
LTC1165 LINER-LTC1165_15 Datasheet
214Kb / 8P
Triple 1.8V to 6V High-Side MOSFET Drivers
logo
ON Semiconductor
NCP81071 ONSEMI-NCP81071 Datasheet
247Kb / 14P
Dual 5 A High Speed Low-Side MOSFET Drivers
December, 2015 ??Rev. 2
logo
Hitachi Semiconductor
HD74ALVC2G07 HITACHI-HD74ALVC2G07 Datasheet
56Kb / 10P
Triple Buffers / Drivers
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
logo
Renesas Technology Corp
ISL58315 RENESAS-ISL58315 Datasheet
200Kb / 2P
High Speed Triple Laser Diode Drivers
September 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com