Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1250CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1250CS8
Description  Very Low Noise Zero-Drift Bridge Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1250CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1250CS8 Datasheet HTML 1Page - Linear Technology LTC1250CS8 Datasheet HTML 2Page - Linear Technology LTC1250CS8 Datasheet HTML 3Page - Linear Technology LTC1250CS8 Datasheet HTML 4Page - Linear Technology LTC1250CS8 Datasheet HTML 5Page - Linear Technology LTC1250CS8 Datasheet HTML 6Page - Linear Technology LTC1250CS8 Datasheet HTML 7Page - Linear Technology LTC1250CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1250
Very Low Noise
Zero-Drift Bridge Amplifier
s
Electronic Scales
s
Strain Gauge Amplifiers
s
Thermocouple Amplifiers
s
High Resolution Data Acquisition
s
Low Noise Transducers
s
Instrumentation Amplifiers
S
APPLICATI
s
Very Low Noise: 0.75
µVP-P Typ, 0.1Hz to 10Hz
s
DC to 1Hz Noise Lower Than OP-07
s
Full Output Swing into 1k Load
s
Offset Voltage: 10
µV Max
s
Offset Voltage Drift: 50nV/
°C Max
s
Common-Mode Rejection Ratio: 110dB Min
s
Power Supply Rejection Ratio: 115dB Min
s
No External Components Required
s
Pin-Compatible with Standard 8-Pin Op Amps
S
FEATURE
DESCRIPTIO
The LTC
®1250 is a high performance, very low noise zero-
drift operational amplifier. The LTC1250’s combination of
low front-end noise and DC precision makes it ideal for use
with low impedance bridge transducers. The LTC1250
features typical input noise of 0.75
µVP-P from 0.1Hz to
10Hz, and 0.2
µVP-P from 0.1Hz to 1Hz. The LTC1250 has
DC to 1Hz noise of 0.35
µVP-P, surpassing that of low noise
bipolar parts including the OP-07, OP-77, and LT1012.
The LTC1250 uses the industry-standard single op amp
pinout, and requires no external components or nulling
signals, allowing it to be a plug-in replacement for bipolar
op amps.
The LTC1250 incorporates an improved output stage
capable of driving 4.3V into a 1k load with a single 5V
supply; it will swing
±4.9V into 5k with ±5V supplies. The
input common mode range includes ground with single
power supply voltages above 12V. Supply current is 3mA
with a
±5V supply, and overload recovery times from
positive and negative saturation are 0.5ms and 1.5ms,
respectively. The internal nulling clock is set at 5kHz for
optimum low frequency noise and offset drift; no external
connections are necessary.
The LTC1250 is available in standard 8-pin ceramic and
plastic DIPs, as well as an 8-pin SOIC package.
Input Referred Noise 0.1Hz to 10Hz
TIME (s)
0
1
2
8
LT1250 TA02
0
–1
–2
2
4
6
10
VS = ±5V
AV = 10k
Differential Bridge Amplifier
–
+
5V
–5V
1000pF
18.2k
1000pF
18.2k
7
6
4
3
2
–5V
0.1
µF
5V
AV = 100
1250 TA01
350
Ω
STRAIN
GAUGE
50
Ω
GAIN
TRIM
LTC1250
APPLICATI
TYPICAL
and LTC are registered trademarks and LT is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1250CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1250CS8 LINER-LTC1250CS8 Datasheet
175Kb / 12P
Very Low Noise Zero-Drift Bridge Amplifier
More results

Similar Description - LTC1250CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1250 LINER-LTC1250_05 Datasheet
175Kb / 12P
Very Low Noise Zero-Drift Bridge Amplifier
logo
Linear Dimensions Semic...
LTC2057 LINEAR_DIMENSIONS-LTC2057 Datasheet
4Mb / 32P
High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
Low Power Zero-Drift Operational Amplifier
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
Low-Noise, Very Low Drift Precision
logo
Linear Technology
LTC1250 LINER-LTC1250_15 Datasheet
185Kb / 12P
Very Low Noise Zero-Drift Bridge Amplifier
LTC2057 LINER-LTC2057_15 Datasheet
1Mb / 32P
High Voltage, Low Noise Zero-Drift Operational Amplifier
LTC2057HV LINER-LTC2057HV_15 Datasheet
1Mb / 32P
High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS333 ONSEMI-NCS333 Datasheet
640Kb / 15P
Low Power, Zero-Drift Operational Amplifier
September, 2015 ??Rev. 4
logo
Linear Technology
LTC2057 LINER-LTC2057 Datasheet
1Mb / 32P
High Voltage, Low Noise Zero-Drift Operational Amplifier
logo
Analog Devices
LTC2058 AD-LTC2058 Datasheet
1Mb / 28P
36V, Low Noise Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com