Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1250CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1250CS8
Description  Very Low Noise Zero-Drift Bridge Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1250CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1250CS8 Datasheet HTML 1Page - Linear Technology LTC1250CS8 Datasheet HTML 2Page - Linear Technology LTC1250CS8 Datasheet HTML 3Page - Linear Technology LTC1250CS8 Datasheet HTML 4Page - Linear Technology LTC1250CS8 Datasheet HTML 5Page - Linear Technology LTC1250CS8 Datasheet HTML 6Page - Linear Technology LTC1250CS8 Datasheet HTML 7Page - Linear Technology LTC1250CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1250
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Noise vs Frequency
FREQUENCY (Hz)
20
30
40
50
80
1
100
1k
10k
LTC1250 G11
0
10
70
60
10
VS = ±5V
RS = 10Ω
FREQUENCY (Hz)
0
20
40
60
100
1k
100k
1M
10M
LTC1250 G10
–20
10k
80
0
20
40
60
100
–20
80
GAIN
PHASE:
RL = 1k
PHASE:
RL = 100k
VS = ±5V OR
SINGLE 5V
TA = 25°C
CL = 100pF
TEMPERATURE (°C)
–25
10
100
1000
100
75
LTC1250 G14
–50
125
50
025
VS = ±5V
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
LTC1250 G12
0
10
10k
60
100
VS = ±5V
VCM = 1VRMS
Common-Mode Rejection Ratio
vs Frequency
SUPPLY VOLTAGE (±V)
2
–8
–6
–4
–2
0
34
5
6
LTC1250 G07
2
4
6
8
7
8
TA = 25°C
0.2
0
0
–5
500
µs/DIV
AV = 100, RL = 100k, CL = 50pF, VS = ±5V
Overload Recovery
1
µs/DIV
AV = 1, RL = 100k, CL = 50pF, VS = ±5V
Transient Response
LOAD RESISTANCE (k
Ω)
0
6
8
10
8
LTC1250 G08
4
2
0
2
4
6
10
1
3
5
7
9
13
5
7
9
RL TO GND
VS = ±8V
VS = ±5V
VS = ±2.5V
NEGATIVE SWING
POSITIVE SWING
Gain/Phase vs Frequency
Common-Mode Input Range
vs Supply Voltage
Output Swing vs Load
Resistance, Dual Supplies
Output Voltage Swing vs Load
Resistance, Single Supply
LOAD RESISTANCE (k
Ω)
0
0
4
6
8
18
12
2
4
59
LTC1250 G09
2
14
16
10
13
6
7
8
VS = 16V
VS = 10V
VS = 5V
10
V– = GND
RL TO GND
Bias Current (Magnitude) vs
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com