Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1250CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1250CS8
Description  Very Low Noise Zero-Drift Bridge Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1250CS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1250CS8 Datasheet HTML 1Page - Linear Technology LTC1250CS8 Datasheet HTML 2Page - Linear Technology LTC1250CS8 Datasheet HTML 3Page - Linear Technology LTC1250CS8 Datasheet HTML 4Page - Linear Technology LTC1250CS8 Datasheet HTML 5Page - Linear Technology LTC1250CS8 Datasheet HTML 6Page - Linear Technology LTC1250CS8 Datasheet HTML 7Page - Linear Technology LTC1250CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1250
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Output Swing vs Output Current,
±5V Supply
Short-Circuit Current
vs Temperature
Output Swing vs Output Current,
Single 5V Supply
TEST CIRCUITS
Offset Test Circuit
–
+
5V
100pF
100k
7
6
4
3
2
–5V
OUTPUT
1250 TC01
LTC1250
10
Ω
S
APPLICATI
I FOR ATIO
Input Noise
The LTC1250, like all CMOS amplifiers, exhibits two types
of low frequency noise: thermal noise and 1/f noise. The
LTC1250 uses several design modifications to minimize
these noise sources. Thermal noise is minimized by rais-
ing the gM of the front-end transistors by running them at
high bias levels and using large transistor geometries. 1/f
noise is combated by optimizing the zero-drift nulling loop
to run at twice the 1/f corner frequency, allowing it to
reduce the inherently high CMOS 1/f noise to near thermal
levels at low frequencies. The resultant noise spectrum is
quite low at frequencies below the internal 5kHz clock
Figure 1. Voltage Noise vs Frequency
FREQUENCY (Hz)
20
30
40
50
80
0.01
1
LTC1250 F01
0
0.1
70
60
10
VS = ±5V
RS = 10Ω
LTC1250
OP-07
OP-27
OUTPUT CURRENT (mA)
0.01
–1
0
1
2
3
0.1
1
10
LTC1250 G16
–2
–3
–4
–5
4
5
VS = ±5V
OUTPUT CURRENT (mA)
0.01
2
3
4
5
0.1
1
10
LTC1250 G17
1
0
6
VS = SINGLE 5V
TEMPERATURE (°C)
–50
0
10
20
25
LTC1250 G18
–10
–20
–25
0
50
–30
–40
40
75
100
125
30
VS = ±15V
VOUT = V
–
VOUT = V
+
DC to 10Hz Noise Test Circuit
(for DC to 1Hz Multiply All Capacitor Values by 10)
100pF
100k
OUTPUT
1250 TC02
–
+
5V
7
6
4
3
2
–5V
LTC1250
10
Ω
–
+
7
5
6
0.02
µF
800k
–
+
3
2
800k
800k
0.04
µF
0.01
µF
1/2
LT1057
5V
8
1
4
–5V
1/2
LT1057



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com