Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1258CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1258CS8
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1258CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1258CS8 Datasheet HTML 1Page - Linear Technology LTC1258CS8 Datasheet HTML 2Page - Linear Technology LTC1258CS8 Datasheet HTML 3Page - Linear Technology LTC1258CS8 Datasheet HTML 4Page - Linear Technology LTC1258CS8 Datasheet HTML 5Page - Linear Technology LTC1258CS8 Datasheet HTML 6Page - Linear Technology LTC1258CS8 Datasheet HTML 7Page - Linear Technology LTC1258CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1258 Series
1258f LT/TP 0999 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1389
Nanopower Precision Shunt Voltage Reference
800nA Quiescent Current, 0.05% Max, 10ppm/
°C Max Drift,
1.25V and 2.5V Versions, SO-8 Package
LT1634
Micropower Precision Shunt Voltage Reference
0.05% Max, 25ppm/
°C Max Drift, 1.25V, 2.5V, 4.096V and 5V Outputs
LT1460
Micropower Series Reference
0.075% Max, 10ppm/
°C Max Drift, 2.5V, 5V and 10V Outputs
LTC1440
Micropower Comparator with Reference
3.7
µA Max ICC, 1% 1.182V Reference, Adjustable Hysteresis
LTC1540
Nanopower Comparator with Reference
600nA Max ICC, 2% 1.182V Reference, Adjustable Hysteresis
LTC1258-3
LTC1096L
MPU
SERIAL DATA LINK
(MICROWIRE
TM AND
SPI COMPATIBLE)
OUT
IN
GND
CS/
SHDN
+IN
–IN
GND
VCC
CLK
DOUT
VREF
ANALOG INPUT
0V TO 3V RANGE
1
2
3
4
8
7
6
5
4
2
VIN
3.2V TO
12.6V
1
1258 TA05
1
µF
SERIAL DATA LINK
0.1
µF
Low Power, Low Voltage Supply Reference for LTC1096L
MICROWIRE is a trademark of National Semiconductor Corp.
Micropower Low Dropout Negative Reference
Supply Splitter
TYPICAL APPLICATIONS
+
–
1
4
8
VSS = –4V
VOUT = –3V
0.2V
≤ VCC ≤ 8.5V
3
2
LTC1258-3
1/2 LTC1542
OUT
GND
4
1
1258 TA03
IN
2
0.1
µF
LTC1258-2.5
OUT
IN
GND
4
2
VCC = 5V
1
2.5V
VIRTUAL
GROUND
1258 TA04
0.1
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com