Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1258CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1258CS8
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1258CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1258CS8 Datasheet HTML 1Page - Linear Technology LTC1258CS8 Datasheet HTML 2Page - Linear Technology LTC1258CS8 Datasheet HTML 3Page - Linear Technology LTC1258CS8 Datasheet HTML 4Page - Linear Technology LTC1258CS8 Datasheet HTML 5Page - Linear Technology LTC1258CS8 Datasheet HTML 6Page - Linear Technology LTC1258CS8 Datasheet HTML 7Page - Linear Technology LTC1258CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1258 Series
Micropower Low
Dropout References
s
200mV Max Dropout at 10mA Output Current
s
4
µA Typical Quiescent Current
s
0.15% Max Initial Accuracy (S8)
s
No Output Capacitor Required
s
Output Sources 10mA, Sinks 2mA
s
40ppm/
°C Max Drift (S8)
s
Available in Small MSOP Package
s
Voltage Options: 2.5V, 3V, 4.1V, 5V and Adjustable
The LTC
®1258/LTC1258-2.5/LTC1258-3/LTC1258-4.1/
LTC1258-5 are micropower bandgap references that
combine high accuracy and low drift with very low supply
current and small package size. The combination of ultralow
quiescent current and low dropout voltage of only 200mV
max. makes them ideal for battery-powered equipment.
The output voltage is set by an external resistor divider for
the adjustable LTC1258.
This series of references uses curvature compensation to
obtain low temperature coefficient and trimmed thin-film
resistors to achieve high output accuracy. These refer-
ences can source up to 10mA and sink up to 2mA, making
them ideal for precision regulator applications. They are
stable without an output bypass capacitor, but are also
stable with capacitance up to 1
µF.Thisfeatureisimportant
in critical applications where PC board space is a premium
and fast settling is demanded.
The LTC1258 series references provide power dissipation
advantages over shunt references. In addition to supply
current, shunt references must also idle the entire load
current to operate.
The LTC1258 series is available in the 8-pin MSOP and SO
packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Battery-Powered Systems
s
Handheld Instruments
s
Precision Power Supplies
s
A/D and D/A Converters
LTC1258-2.5 Temperature Drift
TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
100
1258 TA02
4
3
2
1
–2
–1
–3
–4
0
LTC1258-2.5
OUT
IN
GND
4
2
2.7V
TO 12.6V
1
2.5V
1258 TA01
0.1
µF
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATION
2.5V Battery-Powered Reference


Similar Part No. - LTC1258CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
139Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
More results

Similar Description - LTC1258CS8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
1/03-Data Sheet changed from REV. D to REV. E.
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com