Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1258CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1258CS8
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1258CS8 Datasheet(HTML) 6 Page - Linear Technology

  LTC1258CS8 Datasheet HTML 1Page - Linear Technology LTC1258CS8 Datasheet HTML 2Page - Linear Technology LTC1258CS8 Datasheet HTML 3Page - Linear Technology LTC1258CS8 Datasheet HTML 4Page - Linear Technology LTC1258CS8 Datasheet HTML 5Page - Linear Technology LTC1258CS8 Datasheet HTML 6Page - Linear Technology LTC1258CS8 Datasheet HTML 7Page - Linear Technology LTC1258CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1258 Series
Figure 1. Reference Output Load Transient Response, 1
µF Output Capacitor
1mA
IOUT
0mA
1mA
IOUT
0mA
VOUT
100mV/DIV
VOUT
100mV/DIV
0.5ms/DIV
1258 F01b
10ms/DIV
1258 F01a
APPLICATIONS INFORMATION
Figure 2. Adding a Damping Resistor with
Output Capacitors Greater Than 1
µF
Longer Battery Life
Series references have an advantage over shunt style
references. To operate, shunt references require a resistor
between the power supply and the output. This resistor
must be chosen to supply the maximum current that is
demanded by the circuit being regulated. When the circuit
being controlled is not operating at this maximum current,
the shunt reference must always sink this current, result-
ing in high power dissipation and short battery life.
The LTC1258 series low dropout references do not require
a current setting resistor and can operate with any supply
voltage from (VOUT(NOMINAL) + 0.2V) to 12.6V. When the
circuitry being regulated does not demand current, the
LTC1258 series reduces its dissipation and battery life is
extended. If the reference is not delivering load current it
dissipates only 10.8
µW when operating on a 2.7V supply
for LTC1258-2.5, yet the same connection can deliver
10mA of load current when demanded.
Output Bypass Capacitor
The LTC1258 series is designed to be stable with or
without capacitive loads. With no capacitive load, the
reference is ideal for fast settling applications, or where PC
board space is at a premium.
In applications with significant output loading changes, an
output bypass capacitor of up to 1
µF can be used to
improve the output transient response. Figure 1 shows the
response of the reference to a 1mA to 0
µA load step with
a 1
µF output capacitor. If more than 1µF of output capaci-
tance is required, a resistor in series with the capacitor is
recommended to reduce the output ringing. Figure 2
illustrates the use of a damping resistor for capacitive
loads greater than 1
µF. Figure 3 shows the resistor and
capacitor values required to achieve critical damping.
Figure 3. Damping Resistance vs Output Capacitor Value
LTC1258-5
OUT
IN
GND
4
2
5.2V
TO
12.6V
1
5V
1258 F02
0.1
µF
COUT
>1
µF
DAMPING RESISTOR
<1k
OUTPUT CAPACITOR VALUE (
µF)
1
10
100
1k
10k
10
100
1000
1258 F03



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com