Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1274CS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1274CS Datasheet HTML 9Page - Linear Technology LTC1274CS Datasheet HTML 10Page - Linear Technology LTC1274CS Datasheet HTML 11Page - Linear Technology LTC1274CS Datasheet HTML 12Page - Linear Technology LTC1274CS Datasheet HTML 13Page - Linear Technology LTC1274CS Datasheet HTML 14Page - Linear Technology LTC1274CS Datasheet HTML 15Page - Linear Technology LTC1274CS Datasheet HTML 16Page - Linear Technology LTC1274CS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1274/LTC1277
S
APPLICATI
I FOR ATIO
3V to keep the input span within the 5V supply in unipolar
mode. In bipolar mode the reference should be driven to
no more than 5V, the positive supply voltage of the chip.
Figure 6 shows an LT1006 op amp driving the Reference
pin. In unipolar mode, the reference can be driven up to
2.95V at which point it will provide a 0V to 5V input span.
For the bipolar mode, the reference can be driven up to 5V
at which point it will provide a
±4.23V input span. Figure
7 shows a typical reference, the LT1019A-2.5 connected
to the LTC1274. This will provide an improved drift (equal
to the maximum 5ppm/
°C of the LT1019A-2.5) and a
±2.115V (bipolar) or 4.231V (unipolar) full scale.
BOARD LAYOUT AND BYPASSING
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best
performance from the LTC1274/LTC1277, a printed cir-
cuit board is required. Layout for the printed circuit board
should ensure that digital and analog signal lines are
separated as much as possible. In particular, care should
be taken not to run any digital track alongside an analog
signal track or underneath the ADC. The analog input
should be screened by AGND.
High quality tantalum and ceramic bypass capacitors
should be used at the VDD and VREF pins as shown in
LTC1277 AIN
+/AIN– Input Settling
The input capacitor for the LTC1277 is switched onto the
AIN+ input during the sample phase. The voltage on the
AIN
+ input must settle completely within the sample
period. At the end of the sample phase the input capacitor
switches to the AIN– input and the conversion starts.
During the conversion the AIN
+ input voltage is effec-
tively “held” by the sample-and-hold and will not affect
the conversion result. It is critical that the AIN– input
voltage be free of noise and settles completely during the
conversion.
Internal Reference
The ADCs have an on-chip, temperature compensated,
curvature corrected bandgap reference which is factory
trimmed to 2.42V. It is internally connected to the DAC and
is available at Pin 2 (LTC1274) or Pin 3 (LTC1277) to
provide up to 1mA current to an external load.
For minimum code transition noise the reference output
should be decoupled with a capacitor to filter wideband
noise from the reference (10
µF tantalum in parallel with a
0.1
µF ceramic).
The VREF pin can be driven with a DAC or other means to
provide input span adjustment. The VREF pin must be
driven to at least 2.45V to prevent conflict with the internal
reference. The reference should be driven to no more than
Figure 6. Driving the VREF with the LT1006 Op Amp
VREF(OUT) ≥ 2.45V
3
Ω
INPUT RANGE:
±0.846VREF(OUT)
IN BIPOLAR MODE
0 TO 1.69VREF(OUT) IN
UNIPOLAR MODE
5V
–
+
LT1006
LTC1274
AIN
AGND
VREF
10
µF
LTC1274/77 • F06
Figure 7. Supplying a 2.5V Reference Voltage
to the LTC1274 with the LT1019A-2.5
3
Ω
INPUT RANGE:
±2.115V (±0.846 × VREF)
IN BIPOLAR AND
0V TO 4.231V (1.69VREF(OUT))
IN UNIPOLAR MODE
LTC1274
AIN
AGND
VREF
10
µF
LTC1274/77 • F07
LT1019A-2.5
VIN
GND
VOUT
5V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com