Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1274CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1274CS Datasheet HTML 1Page - Linear Technology LTC1274CS Datasheet HTML 2Page - Linear Technology LTC1274CS Datasheet HTML 3Page - Linear Technology LTC1274CS Datasheet HTML 4Page - Linear Technology LTC1274CS Datasheet HTML 5Page - Linear Technology LTC1274CS Datasheet HTML 6Page - Linear Technology LTC1274CS Datasheet HTML 7Page - Linear Technology LTC1274CS Datasheet HTML 8Page - Linear Technology LTC1274CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1274/LTC1277
(Notes 1, 2)
Supply Voltage (VDD) ................................................ 7V
Negative Supply Voltage (VSS)
Bipolar Operation Only .......................... – 6V to GND
Total Supply Voltage (VDD to VSS)
Bipolar Operation Only ....................................... 12V
Analog Input Voltage (Note 3)
Unipolar Operation ................... – 0.3V to VDD + 0.3V
Bipolar Operation............... VSS – 0.3V to VDD + 0.3V
Digital Input Voltage (Note 4)
Unipolar Operation .............................. – 0.3V to 12V
Bipolar Operation.......................... VSS – 0.3V to 12V
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
LTC1274CS
LTC1274IS
ORDER
PART NUMBER
LTC1277CS
LTC1277IS
Digital Output Voltage
Unipolar Operation ................... – 0.3V to VDD + 0.3V
Bipolar Operation...................... – 0.3V to VDD + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
TJMAX = 110°C, θJA = 130°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
AIN
VREF
AGND
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
VDD
VSS
BUSY
CS
RD
CONVST
SLEEP
REFRDY
D0
D1
D2
D3
SW PACKAGE
24-LEAD PLASTIC SO
TJMAX = 110°C, θJA = 130°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
AIN
+
AIN
–
VREF
AGND
REFRDY
SLEEP
NAP
D7
D6
D5
D4
DGND
VDD
VSS
BUSY
CS
RD
CONVST
HBEN
VLOGIC
D0/8
D1/9
D2/10
D3/11
(D11 = MSB)
SW PACKAGE
24-LEAD PLASTIC SO
Consult factory for Military grade parts.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
Bits
Integral Linearity Error
(Note 7)
q
±1
LSB
Differential Linearity Error
q
±1
LSB
Unipolar Offset Error
±6
LSB
q
±8
LSB
Bipolar Offset Error
(Note 8)
±8
LSB
q
±10
LSB
Gain Error
±20
LSB
Gain Error Tempco
IOUT(REF) = 0
q
±10
±45
ppm/
°C
CC
HARA TERISTICS
CO VERTER
With Internal Reference (Notes 5, 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com