Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1274CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1274CS Datasheet HTML 1Page - Linear Technology LTC1274CS Datasheet HTML 2Page - Linear Technology LTC1274CS Datasheet HTML 3Page - Linear Technology LTC1274CS Datasheet HTML 4Page - Linear Technology LTC1274CS Datasheet HTML 5Page - Linear Technology LTC1274CS Datasheet HTML 6Page - Linear Technology LTC1274CS Datasheet HTML 7Page - Linear Technology LTC1274CS Datasheet HTML 8Page - Linear Technology LTC1274CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1274/LTC1277
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 10)
4.75V
≤ VDD ≤ 5.25V (Unipolar)
q
0 to 4.096
V
4.75V
≤ VDD ≤ 5.25V, –5.25V ≤ VSS ≤ –2.45V (Bipolar)
q
±2.048
V
IIN
Analog Input Leakage Current
CS = High
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
45
pF
During Conversions (Hold Mode)
5
pF
PUT
I
A
A
LOG
ACCURACY
IC
DY A
(Notes 5, 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise
50kHz Input Signal
73
dB
Plus Distortion Ratio
100kHz Input Signal
q
70
72.5
dB
THD
Total Harmonic Distortion
50kHz Input Signal
– 84
dB
Up to 5th Harmonic
100kHz Input Signal
q
– 82
– 76
dB
Peak Harmonic or
50kHz Input Signal
– 84
dB
Spurious Noise
100kHz Input Signal
q
– 82
– 76
dB
IMD
Intermodulation Distortion
fa = 96.95kHz, fb = 97.68kHz
2nd Order Terms
– 78
dB
3rd Order Terms
– 81
dB
Full Power Bandwidth
2
MHz
Full Linear Bandwidth
350
kHz
[S/(N + D)
≥ 68dB]
I TER AL REFERE CE CHARACTERISTICS (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.400
2.420
2.440
V
VREF Output Tempco
IOUT = 0
q
±10
±45
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.01
LSB/V
– 5.25V
≤ VSS ≤ –4.75V
0.01
LSB/V
VREF Load Regulation
– 5mA
≤ IOUT ≤ 70µA
2
LSB/mA
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage, All Logic Outputs
VDD = 4.75V
IO = – 10µA
4.70
V
IO = – 200µA
q
4.0
V
VLOGIC = 2.7V (LTC1277)
IO = – 10µA
2.65
V
IO = – 200µA
2.60
V
VOL
Low Level Output Voltage,
VDD = 4.75V
All Logic Outputs
IO = 160µA
0.05
V
IO = 1.6mA
q
0.10
0.4
V
VLOGIC =2.7V (LTC1277)
IO = 160µA
0.05
V
IO = 1.6mA
0.10
V
DIGITAL I PUTS A D DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com